Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BT815Q-R Fiches technique(PDF) 10 Page - Bridgetek Pte Ltd.

No de pièce BT815Q-R
Description  Embedded Video Engine
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BRIDGETEK [Bridgetek Pte Ltd.]
Site Internet  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT815Q-R Fiches technique(HTML) 10 Page - Bridgetek Pte Ltd.

Back Button BT815Q-R Datasheet HTML 6Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 7Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 8Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 9Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 10Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 11Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 12Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 13Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 14Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
Copyright © Bridgetek Pte Ltd
10
BT81X (815/6) Advanced Embedded Video Engine Datasheet
Version 1.0
Document No.: BRT_000220 Clearance No.: BRT#126
Pin Number
Pin Name
Type
Description
BT815
BT816
31
-
CTP_SCL
I/OD
Connect to I2C SCL pin of the CTPM.
Powered from pin VCCIO2.
32
-
CTP_SDA
I/OD
Connect to I2C SDA pin of the CTPM.
Powered from pin VCCIO2.
33
33
GND
P
Ground
34
34
BACKLIGHT
O
LED Backlight brightness PWM control signal.
Powered from pin VCCIO2.
35
35
DE
O
LCD Data Enable.
Powered from pin VCCIO2.
36
36
VSYNC
O
LCD Vertical Sync.
Powered from pin VCCIO2.
37
37
HSYNC
O
LCD Horizontal Sync.
Powered from pin VCCIO2.
38
38
DISP
O
LCD Display Enable.
Powered from pin VCCIO2.
39
39
PCLK
O
LCD Pixel Clock.
Powered from pin VCCIO2.
40
40
B7
O
Bit 7 of Blue RGB signals.
Powered from pin VCCIO2.
41
41
B6
O
Bit 6 of Blue RGB signals.
Powered from pin VCCIO2.
42
42
B5
O
Bit 5 of Blue RGB signals.
Powered from pin VCCIO2.
43
43
B4
O
Bit 4 of Blue RGB signals.
Powered from pin VCCIO2.
44
44
B3
O
Bit 3 of Blue RGB signals.
Powered from pin VCCIO2.
45
45
B2
O
Bit 2 of Blue RGB signals.
Powered from pin VCCIO2.
46
46
B1
O
Bit 1 of Blue RGB signals.
Powered from pin VCCIO2.
47
47
B0
O
Bit 0 of Blue RGB signals.
Powered from pin VCCIO2.
48
48
GND
P
Ground
49
49
G7
O
Bit 7 of Green RGB signals.
Powered from pin VCCIO2.
50
50
G6
O
Bit 6 of Green RGB signals.
Powered from pin VCCIO2.
51
51
G5
O
Bit 5 of Green RGB signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64