Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMLD2004C Fiches technique(PDF) 2 Page - Central Semiconductor Corp

No de pièce CMLD2004C
Description  SURFACE MOUNT DUAL, HIGH VOLTAGE SILICON SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLD2004C Fiches technique(HTML) 2 Page - Central Semiconductor Corp

  CMLD2004C Datasheet HTML 1Page - Central Semiconductor Corp CMLD2004C Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
CMLD2004
CMLD2004A
CMLD2004C
CMLD2004S
CMLD2004DO
SURFACE MOUNT
DUAL, HIGH VOLTAGE
SILICON SWITCHING DIODES
R3 (04-June 2003)
SOT-563 CASE -
MECHANICAL OUTLINE
Pin Configuration
CMLD2004
A
B
C
H
G
F
D
E
E
R0
12
3
65
4
MARKING CODE:
CMLD2004:
04D
CMLD2004A:
04A
CMLD2004C:
04C
CMLD2004S:
04S
CMLD2004DO: 04O
CMLD2004A
CMLD2004C
CMLD2004S
LEAD CODE:
1) Anode D1
2) NC
3) Anode D2
4) Cathode D2
5) NC
6) Cathode D1
LEAD CODE:
1) Cathode D1, D2
2) Cathode D1, D2
3) Anode D2
4) Anode D1
5) Cathode D1, D2
6) Cathode D1, D2
LEAD CODE:
1) NC
2) Anode D1, D2
3) NC
4) Cathode D2
5) NC
6) Cathode D1
LEAD CODE:
1) NC
2) NC
3) Anode D1,
Cathode D2
4) Anode D2
5) NC
6) Cathode D1
LEAD CODE:
1) Anode D1
2) NC
3) Cathode D2
4) Anode D2
5) NC
6) Cathode D1
CMLD2004DO



Html Pages

1 2