| Moteur de recherche de fiches techniques de composants électroniques |
|
CMLD2004 Fiches technique(PDF) 2 Page - Central Semiconductor Corp |
|
|
|||||||||||||||||||||||||||||
CMLD2004 Fiches technique(HTML) 2 Page - Central Semiconductor Corp |
|
2 / 2 page ![]() Central Semiconductor Corp. TM CMLD2004 CMLD2004A CMLD2004C CMLD2004S CMLD2004DO SURFACE MOUNT DUAL, HIGH VOLTAGE SILICON SWITCHING DIODES R3 (04-June 2003) SOT-563 CASE - MECHANICAL OUTLINE Pin Configuration CMLD2004 A B C H G F D E E R0 12 3 65 4 MARKING CODE: CMLD2004: 04D CMLD2004A: 04A CMLD2004C: 04C CMLD2004S: 04S CMLD2004DO: 04O CMLD2004A CMLD2004C CMLD2004S LEAD CODE: 1) Anode D1 2) NC 3) Anode D2 4) Cathode D2 5) NC 6) Cathode D1 LEAD CODE: 1) Cathode D1, D2 2) Cathode D1, D2 3) Anode D2 4) Anode D1 5) Cathode D1, D2 6) Cathode D1, D2 LEAD CODE: 1) NC 2) Anode D1, D2 3) NC 4) Cathode D2 5) NC 6) Cathode D1 LEAD CODE: 1) NC 2) NC 3) Anode D1, Cathode D2 4) Anode D2 5) NC 6) Cathode D1 LEAD CODE: 1) Anode D1 2) NC 3) Cathode D2 4) Anode D2 5) NC 6) Cathode D1 CMLD2004DO |