Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CFMS4 Fiches technique(PDF) 2 Page - Central Semiconductor Corp

No de pièce CFMS4
Description  SURFACE MOUNT DUAL, COMMON BASE, SILICON PNP TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CFMS4 Fiches technique(HTML) 2 Page - Central Semiconductor Corp

  CFMS4 Datasheet HTML 1Page - Central Semiconductor Corp CFMS4 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MIN
MAX
MIN
MAX
A
0.004 0.007
0.11
0.19
B
0.016
-
0.40
-
C
-
0.004
-
0.10
D
0.039 0.047
1.00
1.20
E
0.074 0.075
1.88
1.92
F
0.037 0.038
0.93
0.97
G
0.102 0.118
2.60
3.00
H
0.059 0.067
1.50
1.70
I
J
0.110 0.118
2.80
3.00
SOT-25 (REV: R0)
0.41
0.016
DIMENSIONS
SYMBOL
INCHES
MILLIMETERS
Central
Semiconductor Corp.
TM
SOT-25 CASE - MECHANICAL OUTLINE
CFMS4
SURFACE MOUNT
DUAL, COMMON BASE,
SILICON PNP TRANSISTORS
R0 (20-July 2004)
LEAD CODE:
1) Emitter Q1
2) Base Q1, Q2
3) Emitter Q2
4) Collector Q2
5) Collector Q1
MARKING CODE: CFMS4



Html Pages

1 2