Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M63M201KB40T607 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce M63M201KB40T607
Description  3/8 Square (10 mm) Single-Turn Cermet Trimmer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M63M201KB40T607 Fiches technique(HTML) 2 Page - Vishay Siliconix

  M63M201KB40T607 Datasheet HTML 1Page - Vishay Siliconix M63M201KB40T607 Datasheet HTML 2Page - Vishay Siliconix M63M201KB40T607 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
63
www.vishay.com
Vishay Spectrol
Revision: 26-Jan-18
2
Document Number: 57027
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability
ELECTRICAL SPECIFICATIONS
Effective travel
270° nominal
Resistance range
100
 to 2 M
Resistance tolerance
± 10 %
End resistance
2
 or 1 % whichever is greater
Temperature coefficient of resistance (typical)
± 100 ppm/°C
Power rating
0.5 W at +70 °C derated linearly to 0 W at 125 °C
maximum voltage not to exceed 250 V
Circuit diagram
Dielectric withstand voltage
1000 VAC at sea level; 250 VAC at 80 000 ft (24 000 m)
Insulation resistance (500 VDC)
1000 M
 minimum
Contact resistance variation
1 % or 1
, whichever is greater
MECHANICAL SPECIFICATIONS
Mechanical travel
300° ± 50
Starting torque
35 mNm max.
Weight
0.03 oz. (0.85 g) max.
Resistance element
Cermet
2 terminal adjustability
± 0.15 % of RT
3 terminal adjustability
± 0.05 % of applied voltage
Terminals
Pure Sn (code e3)
ENVIRONMENTAL SPECIFICATIONS
Temperature range
-55 °C to +125 °C
Climatic category
55/125/21
Sealing
IP64
PERFORMANCES
TESTS
CONDITIONS
MAX.
(R)
CHANGE PER CECC
PER IEC
PER MIL
VAB/VAC
41100
Vibration
98 m/s2, 10 Hz to 500 Hz
1 %
2 %
(PARA 2.3.2)
Test FC (IEC 6-2-6)
Method 204
Electrical endurance
1000 h
3 %
-
(PARA 2.5.16)
-
No equiv.
Soldering
-
-
-
(PARA 2.3.7)
Test TB (IEC 68-2-20)
Method 208
Resistance to heat
-
1 %
-
(PARA 2.3.7)
Test B (IEC 68-2-20A)
Method 210
Damp heat steady state
21 days
3 %
-
(PARA 2.1)
Test C (IEC 68-2-3)
Method 103
Mechanical life
200 cycles
3 %
-
-
Method 2
-
Terminal strength
2.2 lbs. (1 kg)
min.
-
-
-
-
MARKING
• Vishay trademark
•Model
• Resistance value
• Tolerance
• Date code
• Terminal identification
a
c
b
cw
(2)
(3)
(1)



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com