Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

14830FCGJSX10103KA Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce 14830FCGJSX10103KA
Description  1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

14830FCGJSX10103KA Fiches technique(HTML) 4 Page - Vishay Siliconix

  14830FCGJSX10103KA Datasheet HTML 1Page - Vishay Siliconix 14830FCGJSX10103KA Datasheet HTML 2Page - Vishay Siliconix 14830FCGJSX10103KA Datasheet HTML 3Page - Vishay Siliconix 14830FCGJSX10103KA Datasheet HTML 4Page - Vishay Siliconix 14830FCGJSX10103KA Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
148, 149
www.vishay.com
Vishay Spectrol
Revision: 12-Apr-18
4
Document Number: 57040
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION (part number)
MODEL
NUMBER OF
MODULES
SWITCH
BUSHING
LOCATING
PEG
SHAFT
SHAFT END
LEADS
RESISTANCE
CODE/TOLERANCE/
TAPER OR SPECIAL
148 = plastic
conductive
149 = cermet
element
1
2
3
1 = RSID
0 = without
switch
See table
“Bushing”
0 = without
A
B
C
See table
“Shaft”
S = slotted
On request:
R = round
F = flatted
See table
“Leads”
Resistance code:
101 = 100
 to
105 = 1 M
Tolerance code:
M = 20 %; K = 10 %
Taper: A (S); L (Z); F (R)
or
special code
given by Vishay
BUSHING
Ø
L
OLD CODES
A
1/4"
1/4"
N
B
1/4"
3/8"
J
F
3/8"
3/8"
G
LEADS
TYPE
PIN
SPACING
SPACE
BETWEEN
MODULES
OLD
CODES
X10
PCB pins
2.54 mm
(0.100")
n/a
P
X13
7.62 mm
(0.300")
A10
PCB pins and
support plates
2.54 mm
(0.100")
n/a
E
A13
7.62 mm
(0.300")
Y00
Sold, lugs
4.65 mm
(0.183")
n/a
S
Y03
7.62 mm
(0.300")
SHAFT
Ø
FMS
OLD CODES
BB
1/8"
1/2"
32
BG
1/8"
5/8"
40
BH
1/8"
3/4"
48
BJ
1/8"
7/8"
56
GB
1/4"
1/2"
32
GG
1/4"
5/8"
40
GH
1/4"
3/4"
48
GJ
1/4"
7/8"
56
GL
1/4"
1"
64
GN
1/4"
1 1/4"
80
PART NUMBER DESCRIPTION (for information only)
148
1
0
F
0
GJ
S
X10
BO50
10K
10 %
A
e3
MODEL MODULES SWITCH BUSHING
LOCATING
PEG
SHAFT SHAFT LEADS PACK. VALUE TOL. TAPER SPECIAL SPECIAL
LEAD
FINISH
RELATED DOCUMENTS
APPLICATION NOTES
Potentiometers and Trimmers
www.vishay.com/doc?51001
Guidelines for Vishay Sfernice Resistive and Inductive Components
www.vishay.com/doc?52029
0F
0
G
J
S
X
0
0
K
8
1
1
4
113
A



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com