Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DGD05473FNQ Fiches technique(PDF) 10 Page - Diodes Incorporated

No de pièce DGD05473FNQ
Description  HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER IN U-DFN3030-10
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD05473FNQ Fiches technique(HTML) 10 Page - Diodes Incorporated

Back Button DGD05473FNQ Datasheet HTML 3Page - Diodes Incorporated DGD05473FNQ Datasheet HTML 4Page - Diodes Incorporated DGD05473FNQ Datasheet HTML 5Page - Diodes Incorporated DGD05473FNQ Datasheet HTML 6Page - Diodes Incorporated DGD05473FNQ Datasheet HTML 7Page - Diodes Incorporated DGD05473FNQ Datasheet HTML 8Page - Diodes Incorporated DGD05473FNQ Datasheet HTML 9Page - Diodes Incorporated DGD05473FNQ Datasheet HTML 10Page - Diodes Incorporated DGD05473FNQ Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DGD05473FNQ
Document number: DS41301 Rev. 4 - 2
10 of 11
www.diodes.com
August 2022
© Diodes Incorporated
DGD05473FNQ
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-DFN3030-10
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-DFN3030-10
A
A1
A3
Seating Plane
D
D2
E
e
b
E2
(Pin #1 ID)
L
R0.30
0
z
Y1
X
Y
C
X1
G
G
U-DFN3030-10
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0.00
0.05
0.02
A3
--
--
0.15
b
0.20
0.30
0.25
D
2.90
3.10
3.00
D2
2.30
2.50
2.40
E
2.90
3.10
3.00
E2
1.50
1.70
1.60
e
--
--
0.50
L
0.25
0.55
0.40
z
--
--
0.375
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.50
G
0.15
X
0.35
X1
2.60
Y
0.60
Y1
1.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11