| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8590GEDS/RV Fiches technique(PDF) 3 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8590GEDS/RV Fiches technique(HTML) 3 Page - Wolfson Microelectronics plc |
|
3 / 51 page ![]() Pre-Production WM8590 w PP Rev 3.3 September 2005 3 PIN CONFIGURATION ORDERING INFORMATION DEVICE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8590GEDS/V -25 to +85 oC 28-lead SSOP (Pb-free) MSL2 260 °C WM8590GEDS/RV -25 to +85 oC 28-lead SSOP (Pb-free, tape and reel) MSL2 260 °C Note: Reel quantity = 2,000 |