Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STW51000AT Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STW51000AT
Description  SUPER INTEGRATED DSP ENGINE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW51000AT Fiches technique(HTML) 6 Page - STMicroelectronics

  STW51000AT Datasheet HTML 1Page - STMicroelectronics STW51000AT Datasheet HTML 2Page - STMicroelectronics STW51000AT Datasheet HTML 3Page - STMicroelectronics STW51000AT Datasheet HTML 4Page - STMicroelectronics STW51000AT Datasheet HTML 5Page - STMicroelectronics STW51000AT Datasheet HTML 6Page - STMicroelectronics STW51000AT Datasheet HTML 7Page - STMicroelectronics STW51000AT Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
GreenSIDE - STW51000
6/8
11 Package Information
Figure 5. PBGA/HSP-569 (40x40x2.46mm) Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.46
0.097
A1
0.36
0.142
A2
1.73
0.068
b
0.60
0.75
0.90
0.024
0.029
0.035
D
39.80
40.00
40.20
1.567
1.575
1.583
D1
38.10
1.500
D2
34.50
1.358
E
39.80
40.00
40.20
1.567
1.575
1.583
E1
38.10
1.500
E2
34.50
1.358
e
1.27
0.05
F0.95
0.037
H
27.00
1.062
ddd
0.20
0.008
eee
0.30
0.012
fff
0.15
0.006
PBGA/HSp-569 (40x40x2.46mm)
Heat Spreader Plastic Ball Grid Array
7572866 A
SEATING
PLANE
BOTTOM VIEW
C
C
A
F
D
D1
A1
A2
D2
H
ddd
(1) - The terminal A1 corner must be identified on the top surface by using a corner chamfer,
ink or metallized markings, or other feature of package body or integral heatslug
- A distinguishing feature is allowable on the bottom surface of the package to identify the terminal A1 corner.
- Exact shape of each corner is optional.
e
A
B



Html Pages

1 2 3 4 5 6 7 8