Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1901 Fiches technique(PDF) 8 Page - ams AG

No de pièce AS1901
Description  Ultra Low-Power uP Supervisory Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1901 Fiches technique(HTML) 8 Page - ams AG

  AS1901 Datasheet HTML 1Page - ams AG AS1901 Datasheet HTML 2Page - ams AG AS1901 Datasheet HTML 3Page - ams AG AS1901 Datasheet HTML 4Page - ams AG AS1901 Datasheet HTML 5Page - ams AG AS1901 Datasheet HTML 6Page - ams AG AS1901 Datasheet HTML 7Page - ams AG AS1901 Datasheet HTML 8Page - ams AG AS1901 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.austriamicrosystems.com
Revision 1.5
8 - 9
AS1901, AS1902, AS1903
austriamicrosystems
Data Sheet
9 Ordering Information
The device is available in the following standard versions.
Non-standard versions require a minimum order of 30,000 units. Contact austriamicrosystems for availability of non-
standard versions.
Standard Part
Threshold
Duration
Marking
AS1901C23
2.32
100ms
ASBA
AS1901C26
2.63
100ms
ASBD
AS1901C31
3.08
100ms
ASBI
AS1902C23
2.32
100ms
ASBK
AS1902C26
2.63
100ms
ASBN
AS1902C31
3.08
100ms
ASBS
AS1903C23
2.32
100ms
ASBU
AS1903C26
2.63
100ms
ASBX
AS1903C31
3.08
100ms
ASB3



Html Pages

1 2 3 4 5 6 7 8 9