Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1504 Fiches technique(PDF) 16 Page - ams AG

No de pièce AS1504
Description  Octal 8-Bit Programmable Low-Power DACs with Shutdown and Mid-Scale Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1504 Fiches technique(HTML) 16 Page - ams AG

Back Button AS1504 Datasheet HTML 9Page - ams AG AS1504 Datasheet HTML 10Page - ams AG AS1504 Datasheet HTML 11Page - ams AG AS1504 Datasheet HTML 12Page - ams AG AS1504 Datasheet HTML 13Page - ams AG AS1504 Datasheet HTML 14Page - ams AG AS1504 Datasheet HTML 15Page - ams AG AS1504 Datasheet HTML 16Page - ams AG AS1504 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
www.austriamicrosystems.com
Revision 1.0
16 - 17
AS1504, AS1505
austriamicrosystems
Data Sheet
11 Ordering Information
The devices are available as the standard products shown in Table 8.
Table 8. Ordering Information
Model
Description
Delivery Form
Package
AS1504-T
Octal 8-Bit DAC, Mid-Scale Reset
Tape and Reel
16-pin SOIC-150 Narrow
AS1505-T
Octal 8-Bit DAC, Separate VREFL Range Settings
Tape and Reel
16-pin SOIC-150 Narrow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17