Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1108PL Fiches technique(PDF) 18 Page - ams AG

No de pièce AS1108PL
Description  4-Digit LED Display Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1108PL Fiches technique(HTML) 18 Page - ams AG

Back Button AS1108PL Datasheet HTML 11Page - ams AG AS1108PL Datasheet HTML 12Page - ams AG AS1108PL Datasheet HTML 13Page - ams AG AS1108PL Datasheet HTML 14Page - ams AG AS1108PL Datasheet HTML 15Page - ams AG AS1108PL Datasheet HTML 16Page - ams AG AS1108PL Datasheet HTML 17Page - ams AG AS1108PL Datasheet HTML 18Page - ams AG AS1108PL Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
www.austriamicrosystems.com
Revision 2.1
18 - 19
AS1108
austriamicrosystems
Data Sheet
10 Ordering Information
The AS1108 is available in a 20-pin DIP and a 20-pin SOIC package.
Table 25. Ordering Information
Part
Temperature Range
Delivery Form
Package
AS1108PL
0 to +70ºC
Tubes
20-pin Narrow Plastic DIP, Pb-free
AS1108WL
0 to +70ºC
Tubes
20-pin Wide SO, Pb-free
AS1108WL-T
0 to +70ºC
Tape and Reel
20-pin Wide SO, Pb-free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19