| Moteur de recherche de fiches techniques de composants électroniques |
|
RTE1002-R-34 Fiches technique(PDF) 5 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
RTE1002-R-34 Fiches technique(HTML) 5 Page - C&K Components |
|
5 / 7 page ![]() H H–29 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ck-components.com 45º0' ø0,9 (ø035) .335 (8,5) .144 (3,65) .20 (5,08) .25 (6,34) .114 (2,9) .020 (0,5) .10 (2,54) .10 (2,54) .10 (2,54) .10 (2,54) TERMINATIONS V RIGHT ANGLE, THRU-HOLE G SURFACE MOUNT .100 (2,54) .100 (2,54) .033 (0,85) .197 (5,0) .197 (5,0) .024 (0,6) .110 (2,8) .100 (2,54) .110 (2,8) .100 (2,54) .063 4x (1,6) .106 4x (2,7) (RTE02 only) .110 (2,8) .100 (2,54) .110 (2,8) .100 (2,54) .063 5x (1,6) .106 5x (2,7) RTE03, 04, 10 and 16 PCB layout seen component side 0.1 (2,56) 4 C 1 28 .035 (0,9) 0.1 (2,56) HOLES .041 (1,05) .291 (7,4) .315 (8,0) .28 (7,2) .300 (7,62±0,2) .358 (9,1) RTE Series Low Profile Rotary DIP Switches M OPTION |