Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MM74HC192 Fiches technique(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce MM74HC192
Description  Synchronous Decade Up/Down Counters Synchronous Binary Up/Down Counters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC192 Fiches technique(HTML) 7 Page - National Semiconductor (TI)

  MM74HC192 Datasheet HTML 1Page - National Semiconductor (TI) MM74HC192 Datasheet HTML 2Page - National Semiconductor (TI) MM74HC192 Datasheet HTML 3Page - National Semiconductor (TI) MM74HC192 Datasheet HTML 4Page - National Semiconductor (TI) MM74HC192 Datasheet HTML 5Page - National Semiconductor (TI) MM74HC192 Datasheet HTML 6Page - National Semiconductor (TI) MM74HC192 Datasheet HTML 7Page - National Semiconductor (TI) MM74HC192 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Logic Waveforms
’HC192 Synchronous Decade Counters
Typical Clear Load and Count Sequences
TLF5011 – 4
Sequences
(1) Clear outputs to zero
(2) Load (preset) to BCD seven
(3) Count up to eight nine carry zero one and two
(4) Count down to one zero borrow nine eight and seven
’HC193 Synchronous Binary Counters
Typical Clear Load and Count Sequences
TLF5011 – 5
Sequence
(1) Clear outputs to zero
(2) Load (preset) to binary thirteen
(3) Count up to fourteen fifteen carry zero one and two
(4) Count down to one zero borrow fifteen fourteen and thirteen
Note A
Clear overrides load data and count inputs
Note B
When counting up count-down input must be high when counting down count-up input must be high
7



Html Pages

1 2 3 4 5 6 7 8