Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RTE028-2-R-34 Fiches technique(PDF) 2 Page - C&K Components

No de pièce RTE028-2-R-34
Description  Low Profile Rotary DIP Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

RTE028-2-R-34 Fiches technique(HTML) 2 Page - C&K Components

  RTE028-2-R-34 Datasheet HTML 1Page - C&K Components RTE028-2-R-34 Datasheet HTML 2Page - C&K Components RTE028-2-R-34 Datasheet HTML 3Page - C&K Components RTE028-2-R-34 Datasheet HTML 4Page - C&K Components RTE028-2-R-34 Datasheet HTML 5Page - C&K Components RTE028-2-R-34 Datasheet HTML 6Page - C&K Components RTE028-2-R-34 Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
H
H–26
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
SWITCHES WITH STANDARD OPTIONS
RTE Series
Low Profile Rotary DIP Switches
PART NUMBER
NO.
QTY
WITHOUT ESD PIN
WITH ESD PIN
POS.
FUNCTION
PER TUBE
RTE0200N04
RTE0210N04
2
SPDT
65
RTE0300N04
RTE0310N04
3
SP3T
65
RTE0400N04
RTE0410N04
4
SP4T
65
RTE1000N14
RTE1010N14
10
BCD
65
RTE1600N44
RTE1610N44
16
HEXADECIMAL
65
PC Mount-Terminal Option N
Right Angle Mount-Terminal Option V
NO.
PART NUMBER
POS.
FUNCTION
QUANTITY
RTE0400V04
4
SP4T
150 per box
RTE1000V14
10
BCD
150 per box
RTE1600V44
16
HEXADECIMAL
150 per box
Surface Mount-Terminal Option G
NO.
QUANTITY
PART NUMBER
POS.
FUNCTION
PER REEL
RTE0200G04
02
SPDT
1250
RTE0300G04
03
SP3T
1250
RTE0400G04
04
SP4T
1250
RTE1000G14
10
BCD
1250
RTE1600G44
16
HEXADECIMAL
1250



Html Pages

1 2 3 4 5 6 7