Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RTE0202-R-14 Fiches technique(PDF) 5 Page - C&K Components

No de pièce RTE0202-R-14
Description  Low Profile Rotary DIP Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

RTE0202-R-14 Fiches technique(HTML) 5 Page - C&K Components

  RTE0202-R-14 Datasheet HTML 1Page - C&K Components RTE0202-R-14 Datasheet HTML 2Page - C&K Components RTE0202-R-14 Datasheet HTML 3Page - C&K Components RTE0202-R-14 Datasheet HTML 4Page - C&K Components RTE0202-R-14 Datasheet HTML 5Page - C&K Components RTE0202-R-14 Datasheet HTML 6Page - C&K Components RTE0202-R-14 Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
H
H–29
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
45º0'
ø0,9
(ø035)
.335
(8,5)
.144
(3,65)
.20
(5,08)
.25
(6,34)
.114
(2,9)
.020
(0,5)
.10
(2,54)
.10
(2,54)
.10
(2,54)
.10
(2,54)
TERMINATIONS
V RIGHT ANGLE, THRU-HOLE
G SURFACE MOUNT
.100
(2,54)
.100
(2,54)
.033
(0,85)
.197
(5,0)
.197
(5,0)
.024
(0,6)
.110
(2,8)
.100
(2,54)
.110
(2,8)
.100
(2,54)
.063 4x
(1,6)
.106 4x
(2,7)
(RTE02 only)
.110
(2,8)
.100
(2,54)
.110
(2,8)
.100
(2,54)
.063 5x
(1,6)
.106 5x
(2,7)
RTE03, 04, 10 and 16
PCB layout seen component side
0.1
(2,56)
4
C
1
28
.035
(0,9)
0.1
(2,56)
HOLES
.041
(1,05)
.291
(7,4)
.315
(8,0)
.28
(7,2)
.300
(7,62±0,2)
.358
(9,1)
RTE Series
Low Profile Rotary DIP Switches
M
OPTION



Html Pages

1 2 3 4 5 6 7