| Moteur de recherche de fiches techniques de composants électroniques |
|
HDS-001-R Fiches technique(PDF) 2 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
HDS-001-R Fiches technique(HTML) 2 Page - C&K Components |
|
2 / 3 page ![]() E E–13 Dimensions are shown: mm Specifications and dimensions subject to change www.ckswitches.com HDS Series Micro Mini Side Actuated Surface Mount Detect Switches Third Angle Projection Complete part numbers for HDS Series are shown below. OR LESS 1.2 1.5 ±0.2 ON STARTING POSITION TOTAL TRAVEL POSITION 0.8 0.05±0.05 0.05±0.05 1.87 0.75 1.7 1.4 3 3.5 0.7 2X 0.6 2X 0.8 0.5 2X ø 0.6 ±0.05 1.6 ±0.05 2X 45˚ X CHAMFER 0.15 0.8 0.85 0.3 R 2.27 0.4 ACTUATION A B RECOMMENDED STROKE HDS001R PART NUMBER PACKAGING SCHEMATIC HDS001R TAPE & REEL A B 2X ø HOLE 0.7 2X 0.9 4.2 5.5 1.7 1.6 PCB MOUNTING 2X PADS OR LESS 1.2 3 3.5 0.7 1.87 TOTAL TRAVEL POSITION 0.8 ON STARTING POSITION 0.05±0.05 0.05 ± 0.05 1.5± 0.2 0.75 0.8 0.4 () 0.85 0.3 R 2.27 1.4 1.7 2X 0.6 2X 0.8 0.5 ø 0.6± 0.05 1.6 ±0.05 2X 45˚ X CHAMFER 0.15 ACTUATION A B RECOMMENDED STROKE HDS001L PART NUMBER PACKAGING SCHEMATIC HDS001L TAPE & REEL A B 2X ø HOLE 0.7 2X 0.9 4.2 5.5 1.7 1.6 PCB MOUNTING 2X PADS N.O. N.O. 8 Mar 22 |