| Moteur de recherche de fiches techniques de composants électroniques |
|
SIP25 Fiches technique(PDF) 1 Page - AUK corp |
|
|
|||||||||||||||||||||||||||||
SIP25 Fiches technique(HTML) 1 Page - AUK corp |
|
1 / 3 page ![]() KSI-9054-002 1 SIP25 IC protector Description The SIP25 is a IC protector which has the current interception ability that can be very trusted to protect IC and those circuits from a chance short-circuit load. And, this IC protector must open a circuit safely and rapidly when it exceed the current interception level though resists very low internal in usual operation regardless of AC or DC circuit. Features • Sharp and repeatable interruption characteristic • Very low internal resistance. •Good temperature characteristics Operation notes Do not use this product for the circuit with the primary of a commercial power supply and excessive power supply capacity. There is a possibility of damaging molding by the arc etc. after the current is intercepted. Ordering Information Type NO. Marking Package Code SIP25 SIP25 TO-92N-2L Outline Dimensions unit : mm S Seem miiccoon nd du uccttoorr |
Numéro de pièce similaire - SIP25 |
|
Description similaire - SIP25 |