Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JVR20U331K Fiches technique(PDF) 11 Page - List of Unclassifed Manufacturers

No de pièce JVR20U331K
Description  Metal Oxide Varistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

JVR20U331K Fiches technique(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button JVR20U331K Datasheet HTML 7Page - List of Unclassifed Manufacturers JVR20U331K Datasheet HTML 8Page - List of Unclassifed Manufacturers JVR20U331K Datasheet HTML 9Page - List of Unclassifed Manufacturers JVR20U331K Datasheet HTML 10Page - List of Unclassifed Manufacturers JVR20U331K Datasheet HTML 11Page - List of Unclassifed Manufacturers JVR20U331K Datasheet HTML 12Page - List of Unclassifed Manufacturers JVR20U331K Datasheet HTML 13Page - List of Unclassifed Manufacturers JVR20U331K Datasheet HTML 14Page - List of Unclassifed Manufacturers JVR20U331K Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Metal Oxide Varistor JVR Series
10
Ø 10mm
Rating and Characteristics
Part No.
Varistor
Voltage
at 1mA
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
Withstanding
Surge
Current
(8/20us)
Nominal
Discharge
Current
(8/20us)
Rated
Wattage
Energy
(10/1000us)
Certification
DC
( V )
Tolerance
AC rms
( V )
DC
( V )
V@ ic
( V )
ic
( A )
1 Time
( A )
In
( KA )
(W)
(J)
JVR 10S 180M
18
±20%
11
14
36
5
1000
0.5
0.05
2.6
☆
○
□
JVR 10S 220L
22
±15%
14
18
43
5
1000
0.5
0.05
3.2
☆
○
□
JVR 10S 270K
27
±10%
17
22
53
5
1000
0.5
0.05
3.9
☆
○
□
JVR 10S 330K
33
±10%
20
26
65
5
1000
0.5
0.05
4.8
☆
○
□
JVR 10S 390K
39
±10%
25
31
77
5
1000
0.5
0.05
5.6
☆
○
□
JVR 10S 470K
47
±10%
30
38
93
5
1000
0.5
0.05
6.8
☆
○
□
JVR 10S 560K
56
±10%
35
45
110
5
1000
0.5
0.05
8.1
☆
○
□
JVR 10S 680K
68
±10%
40
56
135
5
1000
0.5
0.05
9.8
☆
○
□
JVR 10S 820K
82
±10%
50
65
135
25
3500
1.5
0.4
14
☆
○
□
JVR 10S 101K
100
±10%
60
85
165
25
3500
1.5
0.4
18
☆
○
□
JVR 10S 121K
120
±10%
75
100
200
25
3500
1.5
0.4
22
☆
○
□
JVR 10S 151K
150
±10%
95
125
250
25
3500
1.5
0.4
25
☆
○
□
JVR 10S 181K
180
±10%
115
150
300
25
3500
3
0.4
32
☆
●
□
JVR 10S 201K
200
±10%
130
170
340
25
3500
3
0.4
35
☆
●
■
JVR 10S 221K
220
±10%
140
180
360
25
3500
3
0.4
39
☆
●
■
JVR 10S 241K
240
±10%
150
200
395
25
3500
3
0.4
42
☆
●
■
JVR 10S 271K
270
±10%
175
225
455
25
3500
3
0.4
49
☆
●
■
JVR 10S 301K
300
±10%
195
250
505
25
3500
3
0.4
52
☆
●
■
JVR 10S 331K
330
±10%
210
275
550
25
3500
3
0.4
58
☆
●
■
JVR 10S 361K
360
±10%
230
300
595
25
3500
3
0.4
65
☆
●
■
JVR 10S 391K
390
±10%
250
320
650
25
3500
3
0.4
70
☆
●
■
JVR 10S 431K
430
±10%
275
350
710
25
3500
3
0.4
80
☆
●
■
JVR 10S 471K
470
±10%
300
385
775
25
3500
3
0.4
85
☆
●
■
JVR 10S 511K
510
±10%
320
418
842
25
3500
3
0.4
92
☆
●
■
JVR 10S 561K
560
±10%
350
460
920
25
3500
3
0.4
102
☆
●
■
JVR 10S 621K
620
±10%
385
505
1025
25
3500
3
0.4
107
☆
●
■
JVR 10S 681K
680
±10%
420
560
1120
25
3500
3
0.4
112
☆
●
■
JVR 10S 751K
750
±10%
460
615
1240
25
3500
3
0.4
115
☆
●
■
JVR 10S 781K
780
±10%
485
640
1290
25
3500
3
0.4
116
☆
●
■
JVR 10S 821K
820
±10%
510
670
1355
25
3500
3
0.4
118
☆
●
■
JVR 10S 911K
910
±10%
550
745
1500
25
3500
3
0.4
127
☆
●
■
JVR 10S 102K
1000
±10%
625
825
1650
25
3500
3
0.4
140
☆
●
■
JVR 10S 112K
1100
±10%
680
895
1815
25
3500
3
0.4
155
☆
●
■
JVR 10S 122K
1200
±10%
720
975
1980
25
3500
1.5
0.4
168
☆
●
■
JVR 10S 142K
1400
±10%
825
1135
2310
25
3500
1.5
0.4
195
☆
●
■
JVR 10S 162K
1600
±10%
920
1300
2640
25
3500
1.5
0.4
222
☆
●
■
JVR 10S 182K
1800
±10%
1000
1465
2970
25
3500
1.5
0.4
247
☆
●
■



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com