Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JVT20U331K Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce JVT20U331K
Description  Metal Oxide Varistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

JVT20U331K Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button JVT20U331K Datasheet HTML 3Page - List of Unclassifed Manufacturers JVT20U331K Datasheet HTML 4Page - List of Unclassifed Manufacturers JVT20U331K Datasheet HTML 5Page - List of Unclassifed Manufacturers JVT20U331K Datasheet HTML 6Page - List of Unclassifed Manufacturers JVT20U331K Datasheet HTML 7Page - List of Unclassifed Manufacturers JVT20U331K Datasheet HTML 8Page - List of Unclassifed Manufacturers JVT20U331K Datasheet HTML 9Page - List of Unclassifed Manufacturers JVT20U331K Datasheet HTML 10Page - List of Unclassifed Manufacturers JVT20U331K Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Metal Oxide Varistor JVT Series
6
Ø 20mm
Rating and Characteristics
Part No.
Varistor
Voltage
at 1mA
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
Withstanding
Surge Current
(8/20us)
Nominal
Discharge
Current
(8/20us)
Rated
Wattage
Energy
(10/1000us)
Certification
DC
( V )
Tolerance
AC rms
( V )
DC
( V )
V@ ic
( V )
ic
( A )
1 Time
( A )
In
( KA )
(W)
(J)
JVT 20N 220M
22
±20%
14
18
43
20
2000
2
0.2
8
☆
○
□
JVT 20N 270M
27
±20%
17
22
53
20
2000
2
0.2
10
☆
○
□
JVT 20N 330M
33
±20%
20
26
65
20
2000
2
0.2
12
☆
○
□
JVT 20N 390L
39
±15%
25
31
77
20
2000
2
0.2
14
☆
○
□
JVT 20N 470L
47
±15%
30
38
93
20
2000
2
0.2
17
☆
○
□
JVT 20N 560L
56
±15%
35
45
110
20
2000
2
0.2
20
☆
○
□
JVT 20N 680L
68
±15%
40
56
135
20
2000
2
0.2
24
☆
○
□
JVT 20N 820L
82
±15%
50
65
135
100
6500
3
1
44
☆
○
□
JVT 20N 101K
100
±10%
60
85
165
100
6500
3
1
56
☆
○
□
JVT 20N 121K
120
±10%
75
100
200
100
6500
3
1
64
☆
○
□
JVT 20N 151K
150
±10%
95
125
250
100
6500
3
1
88
☆
○
□
JVT 20N 181K
180
±10%
115
150
300
100
6500
3
1
104
☆
●
□
JVT 20N 201K
200
±10%
130
170
340
100
6500
3
1
114
☆
●
■
JVT 20N 221K
220
±10%
140
180
360
100
6500
3
1
124
☆
●
■
JVT 20N 241K
240
±10%
150
200
395
100
6500
3
1
134
☆
●
■
JVT 20N 271K
270
±10%
175
225
455
100
6500
3
1
158
☆
●
■
JVT 20N 301K
300
±10%
195
250
505
100
6500
3
1
168
☆
●
■
JVT 20N 331K
330
±10%
210
275
550
100
6500
3
1
184
☆
●
■
JVT 20N 361K
360
±10%
230
300
595
100
6500
3
1
208
☆
●
■
JVT 20N 391K
390
±10%
250
320
650
100
6500
3
1
240
☆
●
■
JVT 20N 431K
430
±10%
275
350
710
100
6500
3
1
264
☆
●
■
JVT 20N 471K
470
±10%
300
385
775
100
6500
3
1
280
☆
●
■
JVT 20N 511K
510
±10%
320
418
842
100
6500
3
1
296
☆
●
■
JVT 20N 561K
560
±10%
350
460
920
100
6500
3
1
312
☆
●
■
JVT 20N 621K
620
±10%
385
505
1025
100
6500
3
1
328
☆
●
■
JVT 20N 681K
680
±10%
420
560
1120
100
6500
3
1
344
☆
●
■
JVT 20N 751K
750
±10%
460
615
1240
100
6500
3
1
360
☆
●
■
JVT 20N 781K
780
±10%
485
640
1290
100
6500
3
1
368
☆
●
■
JVT 20N 821K
820
±10%
510
670
1355
100
6500
3
1
376
☆
●
■
JVT 20N 911K
910
±10%
550
745
1500
100
6500
3
1
408
☆
●
■
JVT 20N 102K
1000
±10%
625
825
1650
100
6500
3
1
448
☆
●
■
JVT 20N 112K
1100
±10%
680
895
1815
100
6500
3
1
496
☆
●
■



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com