Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JVT14U331K Fiches technique(PDF) 20 Page - List of Unclassifed Manufacturers

No de pièce JVT14U331K
Description  Metal Oxide Varistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

JVT14U331K Fiches technique(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button JVT14U331K Datasheet HTML 12Page - List of Unclassifed Manufacturers JVT14U331K Datasheet HTML 13Page - List of Unclassifed Manufacturers JVT14U331K Datasheet HTML 14Page - List of Unclassifed Manufacturers JVT14U331K Datasheet HTML 15Page - List of Unclassifed Manufacturers JVT14U331K Datasheet HTML 16Page - List of Unclassifed Manufacturers JVT14U331K Datasheet HTML 17Page - List of Unclassifed Manufacturers JVT14U331K Datasheet HTML 18Page - List of Unclassifed Manufacturers JVT14U331K Datasheet HTML 19Page - List of Unclassifed Manufacturers JVT14U331K Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Metal Oxide Varistor JVT Series
19
Marking and Packaging
Series
Part No.
5mm
7mm
10mm
14mm
20mm
25mm
Bulk
(Box)
Reel Ammo
Bulk
(Box)
Reel Ammo
Bulk
(Box)
Reel Ammo
Bulk
(Box)
Reel Ammo
Bulk
(Box)
Reel Ammo
Bulk
(Box)
180M ~ 470K
5000 1500 1500 5000 1500 1500
2500 1000
500
1500 750
500
750
500
500
-
560K ~ 680K
5000 1500 1000 5000 1500 1000
2500 1000
500
1500 750
500
750
500
500
-
820K ~ 391K
5000 1500 1500 5000 1500 1500
2500 1000
500
1500 750
500
750
500
500
750
431K ~ 471K
5000 1500 1000 5000 1000 1000
2000
750
500
1500 750
500
750
500
500
750
511K ~ 821K
4000 1000 1000 4000 1000 1000
1500
500
500
750
500
500
450
500
500
450
911K ~ 122K
-
-
-
-
-
-
1500
500
350
750
500
350
450
-
-
450
142K ~ 182K
-
-
-
-
-
-
750
-
-
450
-
-
300
-
-
-
Packaging
Bulk (Box)
Reel
Reel
(14 mm, 20 mm)
Ammo
(5 mm, 7 mm)
Ammo
(10 mm, 14 mm)
Ammo
(20 mm)
Box size ( mm )
290 × 155 × 110
350 × 350 × 105 346 × 346 × 72
335 × 245 × 43
347 × 246 × 50
348 × 255 × 60
Carton size
( mm )
328 × 310 × 250
370 × 370 × 590 370 × 370 ×468
515 × 354 × 258 515 × 364 × 246 535 × 365 × 275
One carton with
4 Boxes
5 Boxes
( 10 reels )
6 Boxes
( 6 reels )
10 Boxes
8 Boxes
8 Boxes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com