Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DT9817-R Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce DT9817-R
Description  Low Cost USB Data Acquisition Modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

DT9817-R Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  DT9817-R Datasheet HTML 1Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 2Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 3Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 4Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 5Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 6Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 7Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 8Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
(508) 946-5100
4
info@mccdaq.com
mccdaq.com
Connect to a host computer using the standard USB 1.1
or 2.0 plug-in connector on the ECONseries module. The
USB connector provides power to the module, eliminating
the need for an external power supply, while providing
complete enumeration for all data flow.
Connect sensors directly to the screw terminal of the
module. Screw terminals can accept AWG 26 to AWG 16 size
wire.
Easy to Connect
Standard USB Connector
LED indicator
provides USB
status
Shielded, rugged
enclosure provides
noise immunity
Built-in signal I/O
screw terminal
connectors
All ECONseries modules provide easy signal and USB connections in a shielded, rugged enclosure.



Html Pages

1 2 3 4 5 6 7 8 9 10