Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APM4430K Fiches technique(PDF) 2 Page - Anpec Electronics Coropration

No de pièce APM4430K
Description  N-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANPEC [Anpec Electronics Coropration]
Site Internet  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4430K Fiches technique(HTML) 2 Page - Anpec Electronics Coropration

  APM4430K Datasheet HTML 1Page - Anpec Electronics Coropration APM4430K Datasheet HTML 2Page - Anpec Electronics Coropration APM4430K Datasheet HTML 3Page - Anpec Electronics Coropration APM4430K Datasheet HTML 4Page - Anpec Electronics Coropration APM4430K Datasheet HTML 5Page - Anpec Electronics Coropration APM4430K Datasheet HTML 6Page - Anpec Electronics Coropration APM4430K Datasheet HTML 7Page - Anpec Electronics Coropration APM4430K Datasheet HTML 8Page - Anpec Electronics Coropration APM4430K Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.2 - Apr., 2005
www.anpec.com.tw
2
APM4430K
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Rating
Unit
VDSS
Drain-Source Voltage
30
VGSS
Gate-Source Voltage
±20
V
ID*
Continuous Drain Current
12.5
IDM*
300
µs Pulsed Drain Current
VGS=10V
50
A
IS*
Diode Continuous Forward Current
3.2
A
TJ
Maximum Junction Temperature
150
TSTG
Storage Temperature Range
-55 to 150
°C
TA=25°C
2
PD*
Maximum Power Dissipation
TA=100°C
0.8
W
RθJA*
Thermal Resistance-Junction to Ambient
62.5
°C/W
Note:
*Surface Mounted on 1in
2 pad area, t
≤ 10sec.
APM4430K
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=250
µA
30
V
VDS=24V, VGS=0V
1
IDSS
Zero Gate Voltage Drain Current
TJ=85°C
30
µA
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=250
µA
1
1.5
2
V
IGSS
Gate Leakage Current
VGS=±20V, VDS=0V
±100
nA
VGS=10V, IDS=12.5A
4.5
5
RDS(ON)
a
Drain-Source On-state Resistance
VGS=5V, IDS=7A
7
8
m
Ω
VSD
a
Diode Forward Voltage
ISD=2.3A, VGS=0V
0.7
1.3
V
Dynamic Characteristics
b
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
1.7
Ω
Ciss
Input Capacitance
4720
Coss
Output Capacitance
815
Crss
Reverse Transfer Capacitance
VGS=0V,
VDS=25V,
Frequency=1.0MHz
240
pF
td(ON)
Turn-on Delay Time
21
38
Tr
Turn-on Rise Time
15
27
td(OFF)
Turn-off Delay Time
102
148
Tf
Turn-off Fall Time
VDD=15V, RL=15
Ω,
IDS=1A, VGEN=10V,
RG=6
Ω,
37
55
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com