Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APM4429K Fiches technique(PDF) 2 Page - Anpec Electronics Coropration

No de pièce APM4429K
Description  P-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANPEC [Anpec Electronics Coropration]
Site Internet  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4429K Fiches technique(HTML) 2 Page - Anpec Electronics Coropration

  APM4429K Datasheet HTML 1Page - Anpec Electronics Coropration APM4429K Datasheet HTML 2Page - Anpec Electronics Coropration APM4429K Datasheet HTML 3Page - Anpec Electronics Coropration APM4429K Datasheet HTML 4Page - Anpec Electronics Coropration APM4429K Datasheet HTML 5Page - Anpec Electronics Coropration APM4429K Datasheet HTML 6Page - Anpec Electronics Coropration APM4429K Datasheet HTML 7Page - Anpec Electronics Coropration APM4429K Datasheet HTML 8Page - Anpec Electronics Coropration APM4429K Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - Sep., 2005
www.anpec.com.tw
2
APM4429K
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Rating
Unit
VDSS
Drain-Source Voltage
-30
VGSS
Gate-Source Voltage
±20
V
ID*
Continuous Drain Current
-12
IDM*
Pulsed Drain Current
VGS=-20V
-50
A
IS*
Diode Continuous Forward Current
-1.5
A
TJ
Maximum Junction Temperature
150
TSTG
Storage Temperature Range
-55 to 150
°C
TA=25°C
2
PD*
Maximum Power Dissipation
TA=100°C
0.8
W
RθJA*
Thermal Resistance-Junction to Ambient
62.5
°C/W
Note:
*Surface Mounted on 1in
2 pad area, t ≤ 10sec.
APM4429K
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=-250µA
-30
V
VDS=-24V, VGS=0V
-1
IDSS
Zero Gate Voltage Drain Current
TJ=85°C
-30
µA
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=-250µA
-1
-1.5
-2
V
IGSS
Gate Leakage Current
VGS=±20V, VDS=0V
±100
nA
VGS=-20V, IDS=-12A
9
12
VGS=-10V, IDS=-12A
10
13
RDS(ON)
a
Drain-Source On-state Resistance
VGS=-4.5V, IDS=-8A
12
16
m
Ω
VSD
a
Diode Forward Voltage
ISD=-3A, VGS=0V
-0.8
-1.3
V
Gate Charge Characteristics
b
Qg
Total Gate Charge
80
104
Qgs
Gate-Source Charge
14
Qgd
Gate-Drain Charge
VDS=-15V, VGS=-10V,
IDS=-12A
23
nC



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com