| Moteur de recherche de fiches techniques de composants électroniques |
|
APR349 Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
APR349 Fiches technique(HTML) 2 Page - Diodes Incorporated |
|
2 / 10 page ![]() APR349 Document number: DS43554 Rev. 2 - 2 2 of 10 www.diodes.com July 2021 © Diodes Incorporated APR349 Pin Descriptions Pin Number Pin Name Function 1 VDD Supply input. It provides bias voltage for the internal logic circuit and the MOSFET driver. 2 GND Ground, also used as FET source sense reference for DRAIN 3 GATE Synchronous Rectification MOSFET Gate Drive 4 Rx Program a voltage reference with a resistor from Rx to GND, to enable synchronous rectification MOSFET drive signal 5 DRAIN Synchronous Rectification MOSFET Drain Voltage Sense Input 6 VOUT Internal Linear Regulator Input Functional Block Diagram VON_TH LEB Time Integrator ∫(VDRAIN-VCC)dt VOUT Driver GATE Rx DRAIN VDD GND VOUT 4 3 5 6 1 2 PLR DRAIN LDO VREF S1 VDRAIN Sensing One-Shot Pulse I tOFF_MIN Driver ON OFF Control Core VON_OFF VON_REG |