Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP43771V Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce AP43771V
Description  HIGH-PERFORMANCE USB PD CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43771V Fiches technique(HTML) 2 Page - Diodes Incorporated

  AP43771V Datasheet HTML 1Page - Diodes Incorporated AP43771V Datasheet HTML 2Page - Diodes Incorporated AP43771V Datasheet HTML 3Page - Diodes Incorporated AP43771V Datasheet HTML 4Page - Diodes Incorporated AP43771V Datasheet HTML 5Page - Diodes Incorporated AP43771V Datasheet HTML 6Page - Diodes Incorporated AP43771V Datasheet HTML 7Page - Diodes Incorporated AP43771V Datasheet HTML 8Page - Diodes Incorporated AP43771V Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP43771V
Document number: DS42883 Rev. 5 - 2
2 of 14
www.diodes.com
December 2021
© Diodes Incorporated
AP43771V
Typical Applications Circuit
CY1
R 4
R 8
C6
C3
C8
T1
U2
R19
C9
GND
GATE
FB
SENSE
VCC-IN
PWM IC
U1
Q 1
D7
R 6
R7
DEM
C4
9
6
8
2
5
R18
3
DRISR
VCC
GND
VDD
AREF
VDET
1
2
3
4
5
6
R20
C12
Q2
U3
C7
C13
HV
VCC
CTRL
RT1
1
4
7
SR IC
CC1
GND
AP43771V
OCDRV
VCC
C15
U4
CC2
V5V
PWR_EN VBUS
VFB
IFB
OTP
ISENP
RT2
C16
C18
C19
R 22
C20
R25
C11
DN
DP
Vo
GND
CON1
Q3
CC2
CC1
D+
D -
AC
R11
D5
F1
C5
NTC1
R10
BD1
C2
L2
R14
D6
C1
R15
C10
R13
R12
L1
R2
L 3
Application 1: Traditional Single Type-C Port USB PD Charger Application
U 2
GND
GATE
FB
SENSE
VCCin
U1
Q 1
DEM
DRISR
VCC
GND
VDD
AREF
VDET
HV
SR IC
DN
GND
VOUT
DP
V5
PWRENBVBUS
VFB
IFB
ISENP
CC1
CC2
Vo
GND
C port 1
CC1
AC
AP43771V
(W-QFN4040-24)
PWM IC
CC2
VCC
CTRL
RT1
DN
DP
V3 V
V
VCC
SDA SCL
GPIO3 GPIO4
V3VD
BUCK
Controller
VIN
VCC5
EN
RT
SS
OCSET
GND
CSM CSP COMP
FB
BG
SW
BST
UG
DN
GND
VOUT
DP
V5
PWRENB VBUS
VFB
IFB
ISENP
CC1
CC2
Vo
GND
C port 2
CC1
CC2
DN
DP
V3 V
V
VCC
SDA SCL
GPIO1
VIN
VCC5
EN
RT
SS
OCSET
GND
CSM CSP COMP
FB
BG
SW
BST
UG
NTC
GPIO5
GPIO5
AP43771V
(W-QFN4040-24)
BUCK
Controller
AZ431
Application 2: Dual C-Ports USB PD Charger Application (W-QFN4040-24 (Type A1) Only)
(Type A1)
(Type A1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14