| Moteur de recherche de fiches techniques de composants électroniques |
|
DP83848-HT Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DP83848-HT Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 81 page ![]() TX_CLK TX_EN TXD[3:0] CRS RX_CLK RXD[3:0] RX_DV T2.25.1 DP83848-HT www.ti.com SLLSEJ7 – FEBRUARY 2015 Table 25. 10 Mb/s Internal Loopback Timing PARAMETER NOTES(1) MIN TYP MAX UNIT T2.25.1 TX_EN to RX_DV loopback 10 Mb/s internal loopback mode 2.4 µs (1) Measurement is made from the first rising edge of TX_CLK after assertion of TX_EN. Figure 25. 10 Mb/s Internal Loopback Timing Copyright © 2015, Texas Instruments Incorporated Submit Documentation Feedback 21 Product Folder Links: DP83848-HT |