| Moteur de recherche de fiches techniques de composants électroniques |
|
PDR5G Fiches technique(PDF) 3 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
PDR5G Fiches technique(HTML) 3 Page - Diodes Incorporated |
|
3 / 3 page ![]() DS30552 Rev. 5 - 2 3 of 3 PDR5G PowerDI is a trademark of Diodes Incorporated. www.diodes.com Marking Information Notes: 7. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Device Packaging Shipping PDR5G-13 PowerDIä5 5000/Tape & Reel Ordering Information (Note 7) 0 1 2 3 4 0 1 23 4 5 I , FORWARD CURRENT (A) Fig. 5 Forward Power Dissipation F I PK I AV = 1 (DC) 0 30 180 150 120 90 60 0 100 200 300 400 V , DC REVERSE VOLTAGE (V) Fig. 6 Operating Temperature Derating R R5G = Product type marking code = Manufacturers’ code marking YYWW = Date code marking YY = Last two digits of year ex: 05 for 2005 WW = Week code 01 to 52 K = Factory Designator YYWWK R5G |