Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HAL501 Fiches technique(PDF) 14 Page - Micronas

No de pièce HAL501
Description  Hall-Effect Sensor Family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRONAS [Micronas]
Site Internet  http://www.micronas.com
Logo MICRONAS - Micronas

HAL501 Fiches technique(HTML) 14 Page - Micronas

Back Button HAL501 Datasheet HTML 10Page - Micronas HAL501 Datasheet HTML 11Page - Micronas HAL501 Datasheet HTML 12Page - Micronas HAL501 Datasheet HTML 13Page - Micronas HAL501 Datasheet HTML 14Page - Micronas HAL501 Datasheet HTML 15Page - Micronas HAL501 Datasheet HTML 16Page - Micronas HAL501 Datasheet HTML 17Page - Micronas HAL501 Datasheet HTML 18Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
HAL 5xy
DATA SHEET
14
April 15. 2010; DSH000020_004EN
Micronas
3.5. Recommended Operating Conditions
Functional operation of the device beyond those indicated in the “Recommended Operating Conditions” of this speci-
fication is not implied, may result in unpredictable behavior of the device and may reduce reliability and lifetime.
All voltages listed are referenced to ground (GND).
Symbol
Parameter
Pin No.
Min.
Max.
Unit
VDD
Supply Voltage
1
3.8
24
V
IO
Continuous Output On Current
3
0
20
mA
VO
Output Voltage
(output switched off)
30
24
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48