Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UE48-2OS3D2 Fiches technique(PDF) 21 Page - SICK AG

No de pièce UE48-2OS3D2
Description  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

UE48-2OS3D2 Fiches technique(HTML) 21 Page - SICK AG

Back Button UE48-2OS3D2 Datasheet HTML 17Page - SICK AG UE48-2OS3D2 Datasheet HTML 18Page - SICK AG UE48-2OS3D2 Datasheet HTML 19Page - SICK AG UE48-2OS3D2 Datasheet HTML 20Page - SICK AG UE48-2OS3D2 Datasheet HTML 21Page - SICK AG UE48-2OS3D2 Datasheet HTML 22Page - SICK AG UE48-2OS3D2 Datasheet HTML 23Page - SICK AG UE48-2OS3D2 Datasheet HTML 24Page - SICK AG UE48-2OS3D2 Datasheet HTML 25Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Output expansion modules for OSSDs
2 1
ue10-3oS
Internal circuitry
K 1
K 2
B1
B2
14
24
34
B4
B3
B4
CH 2
CH 1
13
23
Y1
Y2
B3
B1
41
42
33
B2
24
23
13
14
Y1
Y2
41
42
34
33
Function
If the semiconductor outputs of the installed safety device (e.g.,
C4000, S3000) are energized, then the safety output contacts
will close.
When at least one of the semiconductor outputs of the safety
device becomes de-energized, then the output contacts revert
back to open circuit status.
If restart interlock is needed, then this is achieved in the safety
device, for example with a C4000 or S3000.
External device monitoring (EDM)
Category 3 or 4, which determines the performance level ac-
cording to EN ISO 13849, requires monitoring of contactors
for the detection of failures. This is provided in the connected
protective device, for example in the C4000 or S3000. The
normally closed contact (Y1 -Y2) in the UE10-3OS unit is a part
of this contactor monitoring system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92