Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M100FFX Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce M100FFX
Description  5,000 V - 16,000 V Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

M100FFX Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  M100FFX Datasheet HTML 1Page - List of Unclassifed Manufacturers M100FFX Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
83
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
TEL
559-651-1402
FAX
559-651-0740
www.voltagemultipliers.com
4
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
M50FF3 M50FF5
M100FF3 M100FF5
M160FF3 M160FF5
Dimensions: In. (mm) • All temperatures are ambient unless otherwise noted. • Data subject to change without notice.
(1)TL=55°C L=0.375" (2)TL=100°C L=0.375" (3)If=12.5mA, Ir=25mA, Irr=6.3mA • Op.Temp.= -65°C to +175°C Stg.Temp.= -65°C to +200°C
5,000 V - 16,000 V Rectifiers
10 mA - 40 mA Forward Current
30 ns - 50 ns Recovery Time
AXIAL LEADED
HERMETICALLY SEALED
t
r
a
PA
X
F
F
0
5
M
X
F
F
0
0
1
M
.
X
A
M
)
2
6
.
7
(
0
0
3
.
X
F
F
0
6
1
M.
X
A
M
)
9
8
.
8
(
0
5
3
.
A
.130(3.3)
MAX.
.020 ±.003
(.50 ±.08)
1.30(33.02)
1.00(25.4)
t
r
a
P
r
e
b
m
u
N
g
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
t
l
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
i
f
i
t
c
e
R
t
n
e
r
r
u
C
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
r
I
(
d
r
a
w
r
o
F
e
g
a
t
l
o
V
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
f
I
(
e
v
i
t
i
t
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
f
I
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
3
(
)
r
r
T
(
l
a
m
r
e
h
T
e
c
n
a
d
e
p
m
I
u L-
J
n
o
i
t
c
n
u
J
.
p
a
C
C
D
V
0
5
@
Z
H
k
1
@
)
j
C
(
)
1
(
C
°
5
5)
2
(
C
°
0
0
1C
°
5
2C
°
0
0
1C
°
5
2C
°
5
2C
°
5
2C
°
5
20
0
0
.
=
L5
2
1
.
=
L0
5
2
.
=
LC
°
5
2
s
t
l
o
VA
mA
mA
µA
µs
t
l
o
VA
ms
p
m
As
p
m
As
nW
/
C
°W
/
C
°W
/
C
°F
p
3
F
F
0
5
M
3
F
F
0
0
1
M
3
F
F
0
6
1
M
0
0
0
5
0
0
0
0
1
0
0
0
6
1
0
4
0
2
0
1
0
2
0
1
5
1
.
0
1
.
0
1
.
0
0
1
0
1
0
1
5
.
2
1
0
.
5
2
0
.
0
5
0
4
0
2
0
1
0
.
2
0
.
1
5
.
0
4
.
0
2
.
0
1
.
0
0
3
0
3
0
3
8
1
8
1
3
3
0
3
0
3
5
4
0
.
0
5
0
.
0
5
0
.
5
6
0
.
1
5
.
0
5
.
0
5
F
F
0
5
M
5
F
F
0
0
1
M
5
F
F
0
6
1
M
0
0
0
5
0
0
0
0
1
0
0
0
6
1
0
4
0
2
0
1
0
2
0
1
5
1
.
0
1
.
0
1
.
0
0
1
0
1
0
1
5
.
2
1
0
.
5
2
0
.
0
5
0
4
0
2
0
1
0
.
2
0
.
1
5
.
0
4
.
0
2
.
0
1
.
0
0
5
0
5
0
5
8
1
8
1
3
3
0
3
0
3
5
4
0
.
0
5
0
.
0
5
0
.
5
6
0
.
1
5
.
0
5
.
0


Numéro de pièce similaire - M100FFX

FabricantNo de pièceFiches techniqueDescription
logo
Voltage Multipliers Inc...
M100FF3 VMI-M100FF3 Datasheet
44Kb / 1P
Spice Model
logo
New Jersey Semi-Conduct...
M100FF3 NJSEMI-M100FF3 Datasheet
278Kb / 1P
High Voltage Diodes -Axial Lead
logo
Voltage Multipliers Inc...
M100FF3 VMI-M100FF3 Datasheet
98Kb / 2P
High Voltage Diodes - Axial Lead 20mA - 40mA ??30ns - 50ns ??Hermetic
M100FF5 VMI-M100FF5 Datasheet
98Kb / 2P
High Voltage Diodes - Axial Lead 20mA - 40mA ??30ns - 50ns ??Hermetic
More results

Description similaire - M100FFX

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
1N6513U ETC-1N6513U Datasheet
99Kb / 2P
2,000 V - 5,000 V Rectifiers
1N6521U ETC-1N6521U Datasheet
98Kb / 2P
2,000 V - 5,000 V Rectifiers
1N6837 ETC-1N6837 Datasheet
162Kb / 2P
2,000 V - 5,000 V Rectifiers
SP100S ETC-SP100S Datasheet
71Kb / 2P
5,000 V - 12,500 V Rectifier Stacks
logo
Voltage Multipliers Inc...
1N6529U VMI-1N6529U Datasheet
100Kb / 2P
2,000 V - 5,000 V Rectifiers 0.05 A - 0.25 A Forward Current 70 ns Recovery Time
M25FG VMI-M25FG Datasheet
96Kb / 2P
2,500 V - 16,000 V Rectifiers 10 mA - 100 mA Forward Current 200 ns Recovery Time
M25UFG VMI-M25UFG Datasheet
96Kb / 2P
2,500 V - 16,000 V Rectifiers 10 mA - 100 mA Forward Current 100 ns Recovery Time
SM6525 VMI-SM6525 Datasheet
29Kb / 1P
5,000 V - 10,000 V Rectifiers 25 mA - 150 mA Forward Current 70 ns Recovery Time
logo
New Jersey Semi-Conduct...
1N6513LL NJSEMI-1N6513LL Datasheet
81Kb / 1P
2,000 V - 5,000 V Rectifiers
1N6836 NJSEMI-1N6836 Datasheet
80Kb / 1P
2,000 V - 5,000 V Rectifiers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com