| Moteur de recherche de fiches techniques de composants électroniques |
|
H7CC-AS Fiches technique(PDF) 55 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H7CC-AS Fiches technique(HTML) 55 Page - Omron Electronics LLC |
|
55 / 66 page ![]() H7CC-R @ 55 Operation in Run Mode Output Mode: HI or LO Output Mode: HI-LO or AREA H7CC-R11 @ H7CC-R11W @ * * * * * * * * * * * * * * * * * *1 *1 *1 Displayed for Models Other Than “-W” Models Displayed for “-W” Models Measurement value Measurement value Comparison value Measurement value Measurement value Comparison value 1 Measurement value Comparison value 2 Measurement value 1 Measurement value 2 Comparison value 1 Comparison value 2 Bottom hold value Peak hold value Bottom hold value 1 Peak hold value 2 Bottom hold value 2 Peak hold value 1 • Measurement Value Displays the currently measured value. • Comparison Value, Comparison Value 1, and Comparison Value 2 Set the comparison value, comparison value 1, and comparison value 2. The measurement value is compared to comparison value, comparison value 1, and comparison value 2 and an output is made according to the selected output mode. *1 Peak/bottom hold enabled • Peak/bottom hold value The peak (maximum) and bottom (minimum) values are displayed after counting starts. • Peak/bottom hold value 1 and 2 Peaks (maximums) 1 and 2 and bottoms (minimums) 1 and 2 are displayed after counting starts. • Set each digit using the individual UP1 to UP6 Keys (DW1 to DW6 Keys). * Use UP1+UP3 to move up and DW1+DW3 to move down * Use UP1+UP3 to move up and DW1+DW3 to move down * Use UP1+UP3 to move up and DW1+DW3 to move down * Use UP1+UP3 to move up and DW1+DW3 to move down * Use UP1+UP3 to move up and DW1+DW3 to move down Note: The hold values will be initialized when hold operation is performed or reset 1 input is turned OFF while peak/bottom hold values 1 and 2 are being displayed.(The reset 2 input operates in the same way if the input mode is set to 2-input mode.) |