Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS950402 Fiches technique(PDF) 5 Page - Integrated Circuit Systems

No de pièce ICS950402
Description  AMD - K8 System Clock Chip
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950402 Fiches technique(HTML) 5 Page - Integrated Circuit Systems

  ICS950402 Datasheet HTML 1Page - Integrated Circuit Systems ICS950402 Datasheet HTML 2Page - Integrated Circuit Systems ICS950402 Datasheet HTML 3Page - Integrated Circuit Systems ICS950402 Datasheet HTML 4Page - Integrated Circuit Systems ICS950402 Datasheet HTML 5Page - Integrated Circuit Systems ICS950402 Datasheet HTML 6Page - Integrated Circuit Systems ICS950402 Datasheet HTML 7Page - Integrated Circuit Systems ICS950402 Datasheet HTML 8Page - Integrated Circuit Systems ICS950402 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
ICS950402
0700B—04/30/04
Table1: Frequency Selection Table
Bit4
Bit3
Bit2
Bit1
CPU
HTT
PCI
VCO
FS3
FS2
FS1
FS0
MHz
MHz
MHz
MHz
00
0
0
0
100.90
67.27
33.63
403.60
00
0
0
1
133.90
66.95
33.48
535.60
00
0
1
0
168.00
67.20
33.60
672.00
00
0
1
1
202.00
67.33
33.67
404.00
0
0
1
0
0
100.20
66.80
33.40
400.80
00
1
0
1
133.50
66.75
33.38
534.00
00
1
1
0
166.70
66.68
33.34
666.80
00
1
1
1
200.40
66.80
33.40
400.80
01
0
0
0
150.00
60.00
30.00
600.00
01
0
0
1
180.00
60.00
30.00
360.00
01
0
1
0
210.00
70.00
35.00
420.00
01
0
1
1
240.00
60.00
30.00
480.00
01
1
0
0
270.00
67.50
33.75
540.00
01
1
0
1
233.33
66.67
33.33
466.66
01
1
1
0
266.67
66.67
33.33
533.34
01
1
1
1
300.00
75.00
37.50
600.00
1
0
0
0
0
100.00
66.67
33.33
400.00
10
0
0
1
133.33
66.67
33.33
533.32
10
0
1
0
166.66
66.66
33.33
666.64
10
0
1
1
200.00
66.67
33.33
400.00
10
1
0
0
103.00
68.67
34.33
412.00
10
1
0
1
137.33
68.66
34.33
549.32
10
1
1
0
171.66
68.66
34.33
686.64
10
1
1
1
206.00
68.67
34.33
412.00
11
0
0
0
154.50
61.80
30.90
618.00
11
0
0
1
185.40
61.80
30.90
370.80
11
0
1
0
216.30
72.10
36.05
432.60
11
0
1
1
247.20
61.80
30.90
494.40
11
1
0
0
278.10
69.53
34.76
556.20
11
1
0
1
240.33
68.67
34.33
480.66
11
1
1
0
274.67
68.67
34.33
549.34
11
1
1
1
309.00
77.25
38.63
618.00
Bit5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19