| Moteur de recherche de fiches techniques de composants électroniques |
|
M4M Fiches technique(PDF) 7 Page - ABB |
|
|
|||||||||||||||||||||||||||||
M4M Fiches technique(HTML) 7 Page - ABB |
|
7 / 10 page ![]() — M4M 20 and M4M 30 Comparing the two versions M4M 20 - Class 0,5S M4M 30 - Class 0,5S Real-time TRMS current • • TRMS voltage • • Frequency • • Active, Reactive and Apparent power • • Power factor • • Operating timer, countdown timer • • Energy Active, Reactive and Apparent energy • • 4 quadrants Energy (Import/Export) • • Tariffs / • Power Quality THD (I, VLN, VLL) • • Individual Harmonics / 40th Unbalances (I, VLN, VLL) / • Neutral current Calculated Measured Phasors (I, VLN) / • Waveforms (I, VLN, VLL) / • Data recording and logs Single alarms 25 25 Warnings, alarms and errors logs • • Complex alarms with logics / 4 Demand values (average) Basic Advanced Min/Max Demand values Basic Advanced Energy Trending logs / • RTC / • HMI Graphic color Graphic color touchscreen Graphs visualization Basic Advanced Notifications • • Homepage and favourite page • • Password protection • • Connectivity Automatic integration in ABB Ability™ EDCS • • Bluetooth Low Energy • • Communication Protocols Modbus RTU, Modbus TCP/IP, Profibus DP-V0, BACnet/IP Modbus RTU, Modbus TCP/IP, Profibus DP-V0, BACnet/IP RJ45 Daisy Chain (Ethernet version) / • 8 M4M NET WOR K ANALY ZE R S . THE COMPLE TE OFFER ING — Accuracy |