| Moteur de recherche de fiches techniques de composants électroniques |
|
NPM1100-QDAA-R Fiches technique(PDF) 2 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NPM1100-QDAA-R Fiches technique(HTML) 2 Page - Nordic Semiconductor |
|
2 / 2 page ![]() nPM1100 PMIC Product Brief Version 1.1 For more information please visit: nordicsemi.com/nPM1100 Headquarters: Trondheim, Norway Tel: +47 72 89 89 00 For more information: Visit nordicsemi.com/products for full overview of our product range. About Nordic Semiconductor: Nordic Semiconductor is a fabless semiconductor company specializing in wireless technology that powers the IoT. WORLD WIDE OFFICE LOCATIONS SHENZHEN, SHANGHAI, CHINA BEIJING, CHINA PORTLAND, USA MANILA, ESPOO, FINLAND TAMPERE, FINLAND TURKU, FINLAND YOKOHAMA, JAPAN SEOUL, KOREA OSLO, NORWAY UNITED KINGDOM STOCKHOLM, SWEDEN LUND, SWEDEN SAN JOSE, USA DÜSSELDORF, GERMANY OULU, FINLAND KRAKOW, POLAND HYDERABAD, INDIA TRONDHEIM, NORWAY HEAD OFFICE TAIPEI, TAIWAN HONG KONG, CHINA CHINA PHILIPPINES Key features nPM1100 PMIC y All features enabled y Performance optimized layout 400 mA battery charger Highly efficient buck regulator Input regulator that supports USB charging Low quiescent currents Requires no software to operate I/O y Pin headers to all pins on nPM1100 y USB connector & battery connectors LEDs for charge and error indication Switches y ICHRG, VTERM, ISET, VOUTB and MODE Buttons to enter and exit ship mode nRF5340 SoC Dual-core, multiprotocol SoC for Bluetooth LE, Bluetooth mesh, NFC, Thread & Zigbee nRF52® Series nRF52840, nRF52833, nRF52832, nRF52820, nRF52811, nRF52810 and nRF52805 SoCs Power Profiler Kit II Tool for power measurement and profiling applications Related Products nPM1100 PMIC Get in touch with our distributor network nPM1100 Evaluation Kit Directly available through distributors Order Information nPM1100 EK nPM1100 Evaluation Kit The nPM1100 Evaluation Kit (EK) is a tool for evaluating the nPM1100 and its features in your application. The kit features switches for all selectable settings, buttons to enter and exit ship mode and connectors for batteries, USB and headers for all pins on the PMIC. The EK allows for testing of the nPM1100 PMICs capabilities with existing applications without the need for creating custom hardware. The board supports charging batteries and powering applications with the included headers and battery connectors. It can be powered three ways: y By USB power via the on-board micro-USB port y From an external DC power supply through header pins y From battery power via one of the headers The kit further includes buttons to enter and exit the PMICs ship mode together with DIP-switches for all configuration options such as selecting the charger termination voltage, regulator output volt- age, charge current and VBUS current limit, and fixing the buck regulator mode to PWM mode only. The kit also includes indicator LEDs for charge and error indication. There is no programmable logic on the board, hence setup re- quires no programming for testing with existing hardware appli- cations. The EK is designed for optimized performance. Refer to Nordic whitepaper nWP040 for inductor choices that allow for a trade-off between maximum performance and minimum size implementations. |