Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X4DACBL3-C Fiches technique(PDF) 2 Page - ATGBICS by Approved Technology

No de pièce X4DACBL3-C
Description  X4DACBL3 Intel Compatible Direct Attach Copper Breakout Cable 40G QSFP to 4x10G SFP (3m, Passive)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATGBICS [ATGBICS by Approved Technology]
Site Internet  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

X4DACBL3-C Fiches technique(HTML) 2 Page - ATGBICS by Approved Technology

  X4DACBL3-C Datasheet HTML 1Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 2Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 3Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 4Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 5Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 6Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 7Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 8Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_X4DACBL3-C_V1 Page 2 of 8
Product Datasheet
DESCRIPTION
ATGBICS QSFP+ (Quad Small Form-factor Pluggable Plus) copper direct-attach cables are suitable for
very short distances and offer a highly cost-effective way to establish a 40-Gigabit link between QSFP+
ports of QSFP+ switches within racks and across adjacent racks. These cables are used for 40GbE and
Infiniband standards, to maximize performance. QSFP+ are designed to meet emerging data center and
high-performance computing application needs for a high-density cabling interconnect system capable of
delivering an aggregate data bandwidth of 40Gb/s. This interconnect system is fully compliant with existing
industry standard specifications such as the QSFP MSA and IBTA (InfiniBand Trade Association). The
QSFP+ cables support the bandwidth transmission requirements as defined by IEEE 802.3ba (40 Gb/s) and
Infiniband QDR (4x10 Gb/s per channel) specifications.



Html Pages

1 2 3 4 5 6 7 8