Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JNP-25G-AOC-30M-C Fiches technique(PDF) 5 Page - ATGBICS by Approved Technology

No de pièce JNP-25G-AOC-30M-C
Description  JNP-25G-AOC-30M Juniper Compatible Active Optical Cable 25G SFP28 (30m)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATGBICS [ATGBICS by Approved Technology]
Site Internet  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

JNP-25G-AOC-30M-C Fiches technique(HTML) 5 Page - ATGBICS by Approved Technology

  JNP-25G-AOC-30M-C Datasheet HTML 1Page - ATGBICS by Approved Technology JNP-25G-AOC-30M-C Datasheet HTML 2Page - ATGBICS by Approved Technology JNP-25G-AOC-30M-C Datasheet HTML 3Page - ATGBICS by Approved Technology JNP-25G-AOC-30M-C Datasheet HTML 4Page - ATGBICS by Approved Technology JNP-25G-AOC-30M-C Datasheet HTML 5Page - ATGBICS by Approved Technology JNP-25G-AOC-30M-C Datasheet HTML 6Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_JNP-25G-AOC-30M-C_V1Page 5 of 6
Product Datasheet
Module Power Supply Tolerance Filtering
Mechanical Design Diagram
Length
Note
3m
OM3 Round Cable
5m
OM3 Round Cable
10m
OM3 Round Cable
20m
OM3 Round Cable
30m
OM3 Round Cable
50m
OM3 Round Cable
70m
OM3 Round Cable
100m
OM4 Round Cable



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com