Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMPBF246B Fiches technique(PDF) 4 Page - InterFET Corporation

No de pièce SMPBF246B
Description  N-Channel Silicon Junction Field-Effect Transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERFET [InterFET Corporation]
Site Internet  http://www.interfet.com
Logo INTERFET - InterFET Corporation

SMPBF246B Fiches technique(HTML) 4 Page - InterFET Corporation

  SMPBF246B Datasheet HTML 1Page - InterFET Corporation SMPBF246B Datasheet HTML 2Page - InterFET Corporation SMPBF246B Datasheet HTML 3Page - InterFET Corporation SMPBF246B Datasheet HTML 4Page - InterFET Corporation SMPBF246B Datasheet HTML 5Page - InterFET Corporation SMPBF246B Datasheet HTML 6Page - InterFET Corporation SMPBF246B Datasheet HTML 7Page - InterFET Corporation SMPBF246B Datasheet HTML 8Page - InterFET Corporation SMPBF246B Datasheet HTML 9Page - InterFET Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
01/99
E-5
SMP4340
1.3
3.0
15
7.0
15
3.0
15
1500
NJ16
SMP4341
2.0
4.0
15
7.0
15
3.0
15
800
NJ16
SMP4391
—
—
—
7.0
15
3.5
– 5
30
NJ132
SMP4392
—
—
—
14
20
3.5 [– 12]
60
NJ132
SMP4393
—
—
—
14
20
3.5 [– 7.0]
100
NJ132
SMP4416
4.5
7.5
15
4.5
15
1.2
15
—
NJ26
SMP4416A
4.5
7.5
15
4.5
15
1.2
15
—
NJ26
SMP4856
—
—
—
18
[–10]
8.0
[–10]
25
NJ132
SMP4856A
—
—
—
10
[–10]
4.0
[–10]
25
NJ132
SMP4857
—
—
—
18
[–10]
8.0
[–10]
40
NJ132
SMP4857A
—
—
—
10
[–10]
3.5
[–10]
40
NJ132
SMP4858
—
—
—
18
[–10]
8.0
[–10]
60
NJ132
SMP4858A
—
—
—
10
[–10]
3.5
[–10]
60
NJ132
SMP4859
—
—
—
18
[–10]
8.0
[–10]
25
NJ132
SMP4859A
—
—
—
10
[–10]
4.0
[–10]
25
NJ132
SMP4860
—
—
—
18
[–10]
8.0
[–10]
40
NJ132
SMP4860A
—
—
—
10
[–10]
3.5
[–10]
40
NJ132
SMP4861
—
—
—
18
[–10]
8.0
[–10]
60
NJ132
SMP4861A
—
—
—
10
10
3.5
10
60
NJ132
SMP4867
0.7
2.0
20
25
20
5.0
20
—
NJ16
SMP4868
1.0
3.0
20
25
20
5.0
20
—
NJ16
SMP4869
1.3
4.0
20
25
20
5.0
20
—
NJ16
SMP5078
4.0
—
15
6.0
15
2.0
15
—
NJ26
SMP5103
2.0
8.0
15
5.0
15
1.2
15
—
NJ26
SMP5104
3.5
7.5
15
5.0
15
1.2
15
—
NJ26
SMP5105
5.0
10
15
5.0
15
1.2
15
—
NJ26
SMP5163
2.0
9.0
15
12
15
3.0
15
—
NJ26
SMP5245
4.0
—
15
4.5
15
1.5
15
—
NJ26
SMP5246
2.5
—
15
4.5
15
1.5
15
—
NJ26
SMP5247
4.0
—
15
4.5
15
1.5
15
—
NJ26
SMP5248
3.0
—
15
6.0
15
2.0
15
—
NJ26
SMP5358
1.0
3.0
15
6.0
15
2.0
15
—
NJ16
SMP5359
1.2
3.6
15
6.0
15
2.0
15
—
NJ16
SMP5360
1.4
4.2
15
6.0
15
2.0
15
—
NJ16
SMP5361
1.5
4.5
15
6.0
15
2.0
15
—
NJ16
SMP5362
2.0
5.5
15
6.0
15
2.0
15
—
NJ32
Electrical Characteristics at TA = 25¡C
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
g
fs
Ciss
Crss
rds
Process
Min
Max
@VDS
Max
@VDS (V)
Max
@VDS (V)
Max
(mS)
(mS)
(V)
(pF) @[VGS] (V)
(pF) @[VGS] (V)
(
Ω)
Databook.fxp
1/13/99 2:09 PM
Page E-5



Html Pages

1 2 3 4 5 6 7 8 9 10