| Moteur de recherche de fiches techniques de composants électroniques |
|
ISL78840ASRHD/PROTO Fiches technique(PDF) 2 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
ISL78840ASRHD/PROTO Fiches technique(HTML) 2 Page - Intersil Corporation |
|
2 / 18 page ![]() ISL78840ASxH, ISL78841ASxH, ISL78843ASxH, ISL78845ASxH, ISL738840ASEH, ISL738841ASEH, ISL738843ASEH, ISL738845ASEH FN7952 Rev.4.00 Page 2 of 18 Feb 25, 2020 Ordering Information ORDERING NUMBER (Note 1) PART NUMBER (Note 2) RADIATION HARDNESS (Total Ionizing Dose) TEMP. RANGE (°C) PACKAGE (RoHS Compliant) PKG. DWG. # 5962R0724905VPC ISL78840ASEHVD HDR to 100krad(Si), LDR to 50krad(Si) -55 to +125 8 Ld SBDIP D8.3 5962R0724906VPC ISL78841ASEHVD -55 to +125 8 Ld SBDIP D8.3 5962R0724907VPC ISL78843ASEHVD -55 to +125 8 Ld SBDIP D8.3 5962R0724908VPC ISL78845ASEHVD -55 to +125 8 Ld SBDIP D8.3 5962R0724905VXC ISL78840ASEHVF -55 to +125 8 Ld Flatpack K8.A 5962R0724906VXC ISL78841ASEHVF -55 to +125 8 Ld Flatpack K8.A 5962R0724907VXC ISL78843ASEHVF -55 to +125 8 Ld Flatpack K8.A 5962R0724908VXC ISL78845ASEHVF -55 to +125 8 Ld Flatpack K8.A 5962R0724905V9A ISL78840ASEHVX (Note 3) -55 to +125 Die 5962R0724906V9A ISL78841ASEHVX (Note 3) -55 to +125 Die 5962R0724907V9A ISL78843ASEHVX (Note 3) -55 to +125 Die 5962R0724908V9A ISL78845ASEHVX (Note 3) -55 to +125 Die 5962R0724901V9A ISL78840ASRHVX (Note 3) HDR to 100krad(Si) -55 to +125 Die N/A ISL78840ASRHX/SAMPLE (Notes 3, 4) N/A -55 to +125 Die N/A ISL78840ASRHF/PROTO (Note 4) N/A -55 to +125 8 Ld Flatpack K8.A 5962R0724901QXC ISL78840ASRHQF HDR to 100krad(Si) -55 to +125 8 Ld Flatpack K8.A 5962R0724901VXC ISL78840ASRHVF -55 to +125 8 Ld Flatpack K8.A N/A ISL78840ASRHD/PROTO (Note 4) N/A -55 to +125 8 Ld SBDIP D8.3 5962R0724901QPC ISL78840ASRHQD HDR to 100krad(Si) -55 to +125 8 Ld SBDIP D8.3 5962R0724901VPC ISL78840ASRHVD -55 to +125 8 Ld SBDIP D8.3 5962R0724902V9A ISL78841ASRHVX (Note 3) -55 to +125 Die N/A ISL78841ASRHX/SAMPLE (Notes 3, 4) N/A -55 to +125 Die N/A ISL78841ASRHF/PROTO (Note 4) N/A -55 to +125 8 Ld Flatpack K8.A 5962R0724902QXC ISL78841ASRHQF HDR to 100krad(Si) -55 to +125 8 Ld Flatpack K8.A 5962R0724902VXC ISL78841ASRHVF -55 to +125 8 Ld Flatpack K8.A N/A ISL78841ASRHD/PROTO (Note 4) N/A -55 to +125 8 Ld SBDIP D8.3 5962R0724902QPC ISL78841ASRHQD HDR to 100krad(Si) -55 to +125 8 Ld SBDIP D8.3 5962R0724902VPC ISL78841ASRHVD -55 to +125 8 Ld SBDIP D8.3 5962R0724903V9A ISL78843ASRHVX (Note 3) -55 to +125 Die N/A ISL78843ASRHX/SAMPLE (Notes 3, 4) N/A -55 to +125 Die N/A ISL78843ASRHF/PROTO (Note 4) N/A -55 to +125 8 Ld Flatpack K8.A 5962R0724903QXC ISL78843ASRHQF HDR to 100krad(Si) -55 to +125 8 Ld Flatpack K8.A 5962R0724903VXC ISL78843ASRHVF -55 to +125 8 Ld Flatpack K8.A N/A ISL78843ASRHD/PROTO (Note 4) N/A -55 to +125 8 Ld SBDIP D8.3 5962R0724903QPC ISL78843ASRHQD HDR to 100krad(Si) -55 to +125 8 Ld SBDIP D8.3 5962R0724903VPC ISL78843ASRHVD -55 to +125 8 Ld SBDIP D8.3 5962R0724904V9A ISL78845ASRHVX (Note 3) -55 to +125 Die N/A ISL78845ASRHX/SAMPLE (Notes 3, 4) N/A -55 to +125 Die N/A ISL78845ASRHF/PROTO (Note 4) N/A -55 to +125 8 Ld Flatpack K8.A |