| Moteur de recherche de fiches techniques de composants électroniques |
|
SMP4868 Fiches technique(PDF) 5 Page - InterFET Corporation |
|
|
|||||||||||||||||||||||||||||
SMP4868 Fiches technique(HTML) 5 Page - InterFET Corporation |
|
5 / 10 page ![]() E-6 01/99 Small Outline (Surface Mount) Package Devices N-Channel Silicon Junction Field-Effect Transistors SMP5363 – 40 – 1.0 – 1.0 – 20 – 2.5 – 8.0 15 100 7.0 14 15 SMP5363 SMP5364 – 40 – 1.0 – 1.0 – 20 – 2.5 – 8.0 15 100 9.0 18 15 SMP5364 SMP5397 – 25 – 1.0 – 1.0 – 15 – 1.0 – 6.0 10 1.0 10 30 10 SMP5397 SMP5398 – 25 – 1.0 – 1.0 – 15 – 1.0 – 6.0 10 1.0 5.0 40 10 SMP5398 SMP5457 – 25 – 10 – 1.0 – 15 – 0.5 – 6.0 15 10 1.0 5.0 15 SMP5457 SMP5458 – 25 – 10 – 1.0 – 15 – 1.0 – 7.0 15 10 2.0 9.0 15 SMP5458 SMP5459 – 25 – 10 – 1.0 – 15 – 2.0 – 8.0 15 10 4.0 16 15 SMP5459 SMP5484 – 25 – 1.0 – 1.0 – 20 – 0.3 – 3.0 15 10 1.0 5.0 15 SMP5484 SMP5485 – 25 – 1.0 – 1.0 – 20 – 0.5 – 4.0 15 10 4.0 10 15 SMP5485 SMP5486 – 25 – 1.0 – 1.0 – 20 – 2.0 – 6.0 15 10 8.0 20 15 SMP5486 SMP5555 – 25 – 1.0 – 1.0 – 15 — – 12 12 10 15 — 15 SMP5555 SMP5556 – 30 – 1.0 – 1.0 – 15 – 0.2 – 4.0 15 1.0 0.5 2.5 15 SMP5556 SMP5557 – 30 – 1.0 – 1.0 – 15 – 0.8 – 5.0 15 1.0 2.0 5.0 15 SMP5557 SMP5558 – 30 – 1.0 – 1.0 – 15 – 1.5 – 6.0 15 1.0 4.0 10 15 SMP5558 SMP5638 – 30 – 10 – 1.0 – 15 — – 12 15 1.0 50 — 20 SMP5638 SMP5639 – 30 – 10 – 1.0 – 15 — – 8.0 15 1.0 25 — 20 SMP5639 SMP5640 – 30 – 10 – 1.0 – 15 — – 6.0 15 1.0 5.0 — 20 SMP5640 SMP5653 – 30 – 10 – 1.0 – 15 — – 12 15 1.0 40 — 20 SMP5653 SMP5654 – 25 – 10 – 10 – 15 — – 8.0 15 1.0 15 — 20 SMP5654 SMP5668 – 25 – 10 – 1.0 – 15 – 0.2 – 4.0 15 10 1.0 5.0 15 SMP5668 SMP5669 – 25 – 10 – 1.0 – 15 – 1.0 – 6.0 15 10 4.0 10 15 SMP5669 SMP5670 – 25 – 10 – 1.0 – 15 – 3.0 – 8.0 15 10 8.0 20 15 SMP5670 SMP5949 – 30 – 10 – 1.0 – 15 – 3.0 – 7.0 15 100 12 18 15 SMP5949 SMP5950 – 30 – 1.0 – 1.0 – 15 – 2.5 – 6.0 15 100 10 15 15 SMP5950 SMP5951 – 30 – 1.0 – 1.0 – 15 – 2.0 – 5.0 15 100 7.0 13 15 SMP5951 SMP5952 – 30 – 1.0 – 1.0 – 15 – 1.3 – 3.5 15 100 4.0 8.0 15 SMP5952 SMP5953 – 30 – 1.0 – 1.0 – 15 – 0.8 – 3.0 15 100 2.5 5.0 15 SMP5953 SMP6451 – 20 – 1.0 – 1.0 – 15 – 0.5 – 3.5 10 1.0 5.0 20 10 SMP6451 SMP6452 – 25 – 1.0 – 1.0 – 15 – 0.5 – 3.5 10 1.0 5.0 20 10 SMP6452 SMP6453 – 20 – 1.0 – 1.0 – 10 – 0.75 – 5.0 10 1.0 15 50 10 SMP6453 SMP6454 – 25 – 1.0 – 1.0 15 – 0.75 – 5.0 10 1.0 15 50 10 SMP6454 SMPBC264A – 30 – 1.0 – 10 – 20 – 0.5 — 15 10 2.0 4.5 15 SMPBC264A SMPBC264B – 30 – 1.0 – 10 – 20 – 0.5 — 15 10 3.5 6.5 15 SMPBC264B SMPBC264C – 30 – 1.0 – 10 – 20 – 0.5 — 15 10 5.0 8.0 15 SMPBC264C SMPBC264D – 30 – 0.1 – 10 – 20 – 0.5 — 15 10 7.0 12 15 SMPBC264D SMPBF244A – 30 – 1.0 – 10 – 20 – 0.5 — 15 10 2.0 6.5 15 SMPBF244A SMPBF244B – 30 – 1.0 – 10 – 20 – 0.5 — 15 10 6.0 15 15 SMPBF244B Electrical Chara 1000 N. Shiloh Road, Garland, TX 75042 (972) 487-1287 FAX (972) 276-3375 www.interfet.com Device Type BV GSS I GSS V GS (OFF) I DSS Limits Conditions Min @IG Max @VGS Min Max VDS ID Min Max @VDS (V) (µA) (nA) (V) (V) (V) (V) (nA) (mA) (mA) (V) Databook.fxp 1/13/99 2:09 PM Page E-6 |