| Moteur de recherche de fiches techniques de composants électroniques |
|
SMP4861 Fiches technique(PDF) 3 Page - InterFET Corporation |
|
|
|||||||||||||||||||||||||||||
SMP4861 Fiches technique(HTML) 3 Page - InterFET Corporation |
|
3 / 10 page ![]() E-4 01/99 Small Outline (Surface Mount) Package Devices N-Channel Silicon Junction Field-Effect Transistors SMP4340 – 50 – 1.0 – 1.0 – 30 – 1.0 – 3.0 15 100 1.2 3.6 15 SMP4340 SMP4341 – 50 – 1.0 – 1.0 – 30 – 2.0 – 6.0 15 100 3.0 9.0 15 SMP4341 SMP4391 – 40 – 1.0 – 1.0 – 20 – 4.0 – 10 20 1.0 50 150 20 SMP4391 SMP4392 – 40 – 1.0 – 1.0 – 20 – 2.0 – 5.0 20 1.0 25 100 20 SMP4392 SMP4393 – 40 – 1.0 – 1.0 – 20 – 0.5 – 3.0 20 1.0 5.0 30 20 SMP4393 SMP4416 – 30 – 1.0 – 1.0 – 20 — – 6.0 15 1.0 5.0 15 15 SMP4416 SMP4416A – 35 – 1.0 – 1.0 – 20 – 2.5 – 6.0 15 1.0 5.0 15 15 SMP4416A SMP4856 – 40 – 1.0 – 1.0 – 20 – 4.0 – 10 15 1.0 50 — 15 SMP4856 SMP4856A – 40 – 1.0 – 1.0 – 20 – 4.0 – 10 15 1.0 50 — 15 SMP4856A SMP4857 – 40 – 1.0 – 1.0 – 20 – 2.0 – 6.0 15 1.0 20 100 15 SMP4857 SMP4857A – 40 – 1.0 – 1.0 – 20 – 2.0 – 6.0 15 1.0 20 100 15 SMP4857A SMP4858 – 40 – 1.0 – 1.0 – 20 – 0.8 – 4.0 15 1.0 8.0 80 15 SMP4858 SMP4858A – 40 – 1.0 – 1.0 – 20 – 0.8 – 4.0 15 1.0 8.0 80 15 SMP4858A SMP4859 – 30 – 1.0 – 1.0 – 15 – 4.0 – 10 15 1.0 50 — 15 SMP4859 SMP4859A – 30 – 1.0 – 1.0 – 15 – 4.0 – 10 15 1.0 50 — 15 SMP4859A SMP4860 – 30 – 1.0 – 1.0 – 15 – 2.0 – 6.0 15 1.0 20 100 15 SMP4860 SMP4860A – 30 – 1.0 – 1.0 – 15 – 2.0 – 6.0 15 1.0 20 100 15 SMP4860A SMP4861 – 30 – 1.0 – 1.0 – 15 – 0.8 – 4.0 15 1.0 8.0 80 15 SMP4861 SMP4861A – 30 – 1.0 – 1.0 – 15 – 0.8 – 4.0 15 1.0 8.0 80 15 SMP4861A SMP4867 – 40 – 1.0 – 1.0 – 30 – 0.7 – 2.0 20 1.0 0.4 1.2 20 SMP4867 SMP4868 – 40 – 1.0 – 1.0 – 30 – 1.0 – 3.0 20 1.0 1.0 3.0 20 SMP4868 SMP4869 – 40 – 1.0 – 1.0 – 30 – 1.8 – 5.0 20 1.0 2.5 7.5 20 SMP4869 SMP5078 – 30 – 1.0 – 1.0 – 20 – 0.5 – 8.0 15 1.0 4.0 25 15 SMP5078 SMP5103 – 25 – 1.0 – 1.0 – 15 – 0.5 – 4.0 15 1.0 1.0 8.0 15 SMP5103 SMP5104 – 25 – 1.0 – 1.0 – 15 – 0.5 – 4.0 15 1.0 2.0 6.0 15 SMP5104 SMP5105 – 25 – 1.0 – 1.0 – 15 – 0.5 – 4.0 15 1.0 5.0 15 15 SMP5105 SMP5163 – 25 – 1.0 – 10 – 15 – 0.4 – 8.0 15 1.0 1.0 40 15 SMP5163 SMP5245 – 30 – 1.0 – 1.0 – 20 – 1.0 – 6.0 15 10 5.0 15 15 SMP5245 SMP5246 – 30 – 1.0 – 1.0 – 20 – 0.5 – 4.0 15 10 1.5 7.0 15 SMP5246 SMP5247 – 30 – 1.0 – 1.0 – 20 – 1.5 – 8.0 15 10 8.0 24 15 SMP5247 SMP5248 – 30 – 1.0 – 5.0 – 20 – 1.0 – 8.0 15 10 4.0 20 15 SMP5248 SMP5358 – 40 – 1.0 – 1.0 – 20 – 0.5 – 3.0 15 100 0.5 1.0 15 SMP5358 SMP5359 – 40 – 1.0 – 1.0 – 20 – 0.8 – 4.0 15 100 0.6 1.6 15 SMP5359 SMP5360 – 40 – 1.0 – 1.0 – 20 – 0.8 – 4.0 15 100 1.5 3.0 15 SMP5360 SMP5361 – 40 – 1.0 – 1.0 – 20 – 1.0 – 6.0 15 100 2.5 5.0 15 SMP5361 SMP5362 – 40 – 1.0 – 1.0 – 20 – 2.0 – 7.0 15 100 4.0 8.0 15 SMP5362 Electrical Chara 1000 N. Shiloh Road, Garland, TX 75042 (972) 487-1287 FAX (972) 276-3375 www.interfet.com Device Type BV GSS I GSS V GS (OFF) I DSS Limits Conditions Min @IG Max @VGS Min Max VDS ID Min Max @VDS (V) (µA) (nA) (V) (V) (V) (V) (nA) (mA) (mA) (V) Databook.fxp 1/13/99 2:09 PM Page E-4 |