Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMP4224 Fiches technique(PDF) 7 Page - InterFET Corporation

No de pièce SMP4224
Description  N-Channel Silicon Junction Field-Effect Transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERFET [InterFET Corporation]
Site Internet  http://www.interfet.com
Logo INTERFET - InterFET Corporation

SMP4224 Fiches technique(HTML) 7 Page - InterFET Corporation

Back Button SMP4224 Datasheet HTML 2Page - InterFET Corporation SMP4224 Datasheet HTML 3Page - InterFET Corporation SMP4224 Datasheet HTML 4Page - InterFET Corporation SMP4224 Datasheet HTML 5Page - InterFET Corporation SMP4224 Datasheet HTML 6Page - InterFET Corporation SMP4224 Datasheet HTML 7Page - InterFET Corporation SMP4224 Datasheet HTML 8Page - InterFET Corporation SMP4224 Datasheet HTML 9Page - InterFET Corporation SMP4224 Datasheet HTML 10Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
E-8
01/99
Small Outline (Surface Mount) Package Devices
N-Channel Silicon Junction Field-Effect Transistors
SMPBF244C
– 30
– 1.0
– 5.0
– 20
– 0.5
– 8.0
15
10
12
25
15
SMPBF244C
SMPBF246A
– 25
– 1.0
– 5.0
– 15
– 0.6
– 14.5
15
10
30
80
15
SMPBF246A
SMPBF246B
– 25
– 1.0
– 5.0
– 15
– 0.6
– 14.5
15
10
60
140
15
SMPBF246B
SMPBF246C
– 25
– 1.0
– 5.0
– 15
– 0.6
– 14.5
15
10
110
250
15
SMPBF246C
SMPBF256A
– 30
– 1.0
– 5.0
– 20
– 0.5
– 7.5
15
10
3.0
7.0
15
SMPBF256A
SMPBF256B
– 30
– 1.0
– 5.0
– 20
– 0.5
– 7.5
15
10
6.0
13
15
SMPBF256B
SMPBF256C
– 30
– 1.0
– 5.0
– 20
– 0.5
– 7.5
15
10
11
18
15
SMPBF256C
SMPJ108
– 25
– 1.0
– 3.0
– 15
– 3.0
– 10.0
5.0
[1.0]
80
—
15
SMPJ108
SMPJ109
– 25
– 1.0
– 3.0
– 15
– 2.0
– 6.0
5.0
[1.0]
40
—
15
SMPJ109
SMPJ110
– 25
– 1.0
– 3.0
– 15
– 0.5
– 4.0
5.0
[1.0]
10
—
15
SMPJ110
SMPJ110A
– 25
– 1.0
– 3.0
– 15
– 0.5
– 4.0
5.0
[1.0]
10
—
15
SMPJ110A
SMPJ111
– 35
– 1.0
– 1.0
– 15
– 3.0
– 10
5.0
1.0
20
—
15
SMPJ111
SMPJ111A
– 40
– 1.0
– 2.0
– 1.0
– 5.0
– 10
5.0
1.0
30
—
15
SMPJ111A
SMPJ112
– 35
– 1.0
– 1.0
– 15
– 1.0
– 5.0
5.0
1.0
5.0
—
15
SMPJ112
SMPJ112A
– 40
– 1.0
– 2.0
– 1.0
– 2.0
– 7.0
5.0
1.0
15
—
15
SMPJ112A
SMPJ113
– 35
– 1.0
– 1.0
– 15
—
– 3.0
5.0
1.0
2.0
—
15
SMPJ113
SMPJ113A
– 40
– 1.0
– 2.0
– 1.0
– 1.0
– 5.0
5.0
1.0
8.0
—
15
SMPJ113A
SMPJ201
– 40
– 1.0
– 1.0
– 20
– 0.3
– 1.5
20
10
0.2
1.0
20
SMPJ201
SMPJ202
– 40
– 1.0
– 1.0
– 20
– 0.8
– 4.0
20
10
0.9
4.5
20
SMPJ202
SMPJ203
– 40
– 1.0
– 1.0
– 20
– 2.0
– 10
20
10
4.0
20
20
SMPJ203
SMPJ210
– 25
– 1.0
– 1.0
– 15
– 1.0
– 3.0
15
1.0
2.0
15
15
SMPJ210
SMPJ211
– 25
– 1.0
– 1.0
– 15
– 25
– 4.5
15
1.0
7.0
20
15
SMPJ211
SMPJ212
– 25
– 1.0
– 1.0
– 15
– 4.0
– 6.0
15
1.0
15
40
15
SMPJ212
SMPJ230
– 40
– 1.0
– 1.0
– 30
– 0.5
– 3.0
20
1.0
0.7
3.0
20
SMPJ230
SMPJ231
– 40
– 1.0
– 1.0
– 30
– 1.5
– 5.0
20
1.0
2.0
6.0
20
SMPJ231
SMPJ232
– 40
– 1.0
– 1.0
– 30
– 3.0
– 6.0
20
1.0
5.0
10
20
SMPJ232
SMPJ300A
– 25
– 1.0
– 1.0
– 15
– 1.5
– 3.0
10
1.0
4.0
9.0
10
SMPJ300A
SMPJ300B
– 25
– 1.0
– 1.0
– 15
– 2.0
– 4.0
10
1.0
7.0
15
10
SMPJ300B
SMPJ300C
– 25
– 1.0
– 1.0
– 15
– 2.5
– 5.0
10
1.0
12
25
10
SMPJ300C
SMPJ304
– 30
– 1.0
– 1.0
– 20
– 2.0
– 6.0
15
1.0
5.0
15
15
SMPJ304
SMPJ305
– 30
– 1.0
– 1.0
– 20
– 0.5
– 3.0
15
1.0
1.0
8.0
15
SMPJ305
SMPJ308
– 25
– 1.0
– 1.0
– 15
– 1.0
– 6.5
10
1.0
12
60
10
SMPJ308
SMPJ309
– 25
– 1.0
– 1.0
– 15
– 1.0
– 4.0
10
1.0
12
30
10
SMPJ309
SMPJ310
– 25
– 1.0
– 1.0
– 15
– 2.0
– 6.5
10
1.0
24
60
10
SMPJ310
SMPU1897
– 40
– 1.0
– 1.0
– 20
– 5.0
– 10
20
1.0
30
—
20
SMPU1897
SMPU1898
– 40
– 1.0
– 1.0
– 20
– 2.0
– 7.0
20
1.0
15
—
20
SMPU1898
SMPU1899
– 40
– 1.0
– 1.0
– 20
– 1.0
– 5.0
20
1.0
8.0
—
20
SMPU1899
Electrical Chara
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Device
Type
BV
GSS
I
GSS
V
GS (OFF)
I
DSS
Limits
Conditions
Min
@IG
Max
@VGS
Min
Max
VDS
ID(nA)
Min
Max
@VDS
(V)
(µA)
(nA)
(V)
(V)
(V)
(V)
[ID](µA)
(mA)
(mA)
(V)
Databook.fxp
1/13/99 2:09 PM
Page E-8



Html Pages

1 2 3 4 5 6 7 8 9 10