Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESD2CANFD24 Fiches technique(PDF) 12 Page - Texas Instruments

No de pièce ESD2CANFD24
Description  ESD2CANFD24 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

ESD2CANFD24 Fiches technique(HTML) 12 Page - Texas Instruments

Back Button ESD2CANFD24 Datasheet HTML 6Page - Texas Instruments ESD2CANFD24 Datasheet HTML 7Page - Texas Instruments ESD2CANFD24 Datasheet HTML 8Page - Texas Instruments ESD2CANFD24 Datasheet HTML 9Page - Texas Instruments ESD2CANFD24 Datasheet HTML 10Page - Texas Instruments ESD2CANFD24 Datasheet HTML 11Page - Texas Instruments ESD2CANFD24 Datasheet HTML 12Page - Texas Instruments ESD2CANFD24 Datasheet HTML 13Page - Texas Instruments ESD2CANFD24 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
9 Power Supply Recommendations
This device is a passive TVS diode-based ESD protection device, therefore there is no requirement to power it.
Ensure that the maximum voltage specifications for each pin are not violated.
10 Layout
10.1 Layout Guidelines
• The optimum placement of the device is as close to the connector as possible.
– EMI during an ESD event can couple from the trace being struck to other nearby unprotected traces,
resulting in early system failures.
– The PCB designer must minimize the possibility of EMI coupling by keeping any unprotected traces away
from the protected traces which are between the TVS and the connector.
• Route the protected traces as straight as possible.
• Eliminate any sharp corners on the protected traces between the TVS and the connector by using rounded
corners with the largest radii possible.
– Electric fields tend to build up on corners, increasing EMI coupling.
• If pin 3 is connected to ground, use a thick and short trace for this return path.
10.2 Layout Example
This example is typical of a dual channel differential data pair application, such as CAN.
GND
= VIA to GND
IO2
IO1
Figure 10-1. Routing with DBZ Package
ESD2CANFD24
SLVSH12 – NOVEMBER 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ESD2CANFD24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14