| Moteur de recherche de fiches techniques de composants électroniques |
|
AP3304 Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP3304 Fiches technique(HTML) 2 Page - Diodes Incorporated |
|
2 / 12 page ![]() AP3304 Document number: DS43559 Rev. 4 - 2 2 of 12 www.diodes.com October 2021 © Diodes Incorporated AP3304 Typical Applications Circuit CY1 R 4 R 8 C6 C3 C8 T1 U2 R19 C9 GND GATE FB SENSE VCC AP3304 Q 1 D7 R 6 R7 DEM C4 5 R18 DRISR VCC GND VDD REF VDET R20 C12 Q2 U3 C13 SR IC CC1 GND AP43771V OCDRV VCC C15 U4 CC2 V5V PWR_EN VBUS VFB IFB OTP ISENP RT2 C16 C18 C19 R 22 C20 R25 C11 DN DP Vo GND CON1 Q3 CC2 CC1 D+ D - AC R11 D5 F1 C5 NTC1 R10 BD1 C2 L2 R14 D6 C1 R15 C10 R13 R12 L1 R2 L 3 Figure 1 Pin Descriptions Pin Number Pin Name Function 1 GND Signal ground. Current return for driver and control circuits 2 FB Feedback. Directly connected to the opto-coupler 3 DEM Valley detection for QR control, AC line voltage detection for Brown-in/Brown-out, Sample output voltage for SOVP and SUVP, OCP line compensation current setting. 4 SENSE Current sense 5 VCC Supply voltage of driver and control circuits 6 GATE Gate driver output |