| Moteur de recherche de fiches techniques de composants électroniques |
|
DDTAEE Fiches technique(PDF) 4 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DDTAEE Fiches technique(HTML) 4 Page - Diodes Incorporated |
|
4 / 5 page ![]() DDTA(R1 = R2 SERIES) EE Document number: DS30317 Rev. 9 - 2 4 of 5 www.diodes.com May 2018 © Diodes Incorporated DDTA (R1 = R2 SERIES) EE Package Outline Dimensions Please see http://www.diodes.com/package-outlines.html for the latest version. SOT523 E1 E b e1 D A3 e A2 A1 L c a SOT523 Dim Min Max Typ A1 0.00 0.10 0.05 A2 0.60 0.80 0.75 A3 0.45 0.65 0.50 b 0.15 0.30 0.22 c 0.10 0.20 0.12 D 1.50 1.70 1.60 E 1.45 1.75 1.60 E1 0.75 0.85 0.80 e 0.50 BSC e1 0.90 1.10 1.00 L 0.20 0.40 0.33 a 0 ° -- 8 ° All Dimensions in mm Suggested Pad Layout Please see http://www.diodes.com/package-outlines.html for the latest version. SOT523 Y1 X Y X1 C Dimensions Value (in mm) C 1.29 X 0.40 X1 0.70 Y 0.51 Y1 1.80 |