Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

400DAFBA2 Fiches technique(PDF) 18 Page - ON Semiconductor

No de pièce 400DAFBA2
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

400DAFBA2 Fiches technique(HTML) 18 Page - ON Semiconductor

Back Button 400DAFBA2 Datasheet HTML 14Page - ON Semiconductor 400DAFBA2 Datasheet HTML 15Page - ON Semiconductor 400DAFBA2 Datasheet HTML 16Page - ON Semiconductor 400DAFBA2 Datasheet HTML 17Page - ON Semiconductor 400DAFBA2 Datasheet HTML 18Page - ON Semiconductor 400DAFBA2 Datasheet HTML 19Page - ON Semiconductor 400DAFBA2 Datasheet HTML 20Page - ON Semiconductor 400DAFBA2 Datasheet HTML 21Page - ON Semiconductor 400DAFBA2 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
NCP12400
www.onsemi.com
18
Figure 45. VCC Management Timing Diagram
The information about the fault (permanent Latch or
Autorecovery) is kept during the low consumption off mode
due the safety reason. The reason is not to allow unlatch the
device by the remote control being in off mode.
Start−up of the Controller
At start−up, the current source turns on when the voltage
on the HV pin is higher than VHV(min), and turns off when
VCC reaches VCC(on), then turns on again when VCC reaches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47