Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APTDF200H60 Fiches technique(PDF) 4 Page - Advanced Power Technology

No de pièce APTDF200H60
Description  Fast Diode Rectifier Bridge Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADPOW [Advanced Power Technology]
Site Internet  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTDF200H60 Fiches technique(HTML) 4 Page - Advanced Power Technology

  APTDF200H60 Datasheet HTML 1Page - Advanced Power Technology APTDF200H60 Datasheet HTML 2Page - Advanced Power Technology APTDF200H60 Datasheet HTML 3Page - Advanced Power Technology APTDF200H60 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APTDF200H60
APT website – http://www.advancedpower.com
4 - 4
Package outline (dimensions in mm)
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4