| Moteur de recherche de fiches techniques de composants électroniques |
|
VIPERGAN65 Fiches technique(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPERGAN65 Fiches technique(HTML) 8 Page - STMicroelectronics |
|
8 / 35 page ![]() Symbol Parameter Test Condition Min. Typ. Max. Unit Frequency jittering FD Modulation frequency 10 kHz VZCDH Modulation duty- cycle 50 % ΔIpk Peak current change 5 % Thermal shutdown TSD Thermal shutdown temperature Guaranteed by design and characterization 125 140 155 °C TSD-REST Restart time after OTP and OCP_LEB activation 2 s VIPERGAN65 Electrical characteristics DS14005 - Rev 2 page 8/35 |