Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MS2554 Fiches technique(PDF) 1 Page - Advanced Power Technology

No de pièce MS2554
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADPOW [Advanced Power Technology]
Site Internet  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2554 Fiches technique(HTML) 1 Page - Advanced Power Technology

  MS2554 Datasheet HTML 1Page - Advanced Power Technology MS2554 Datasheet HTML 2Page - Advanced Power Technology MS2554 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSCXXXX.PDF 01-19-99
MS2554
DESCRIPTION:
The MS2554 is a NPN bipolar transistor specifically designed for
high peak pulse power applications such as DME/TACAN.
This device is capable of withstanding a minimum 20:1 load
VSWR at any phase angle under full rated conditions. Internal
impedance matching provides consistent broadband
performance.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25
°C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation
600
W
IC
Device Current
17.8
A
VCC
Collector-Supply Voltage*
55
V
TJ
Junction Temperature
200
°C
TSTG
Storage Temperature
-65 to +200
°C
Thermal Data
RTH(J-C)
Thermal Resistance Junction-case
0.20
°C/W
Features
• 1025 – 1150 MHz
• 50 VOLTS
• INPUT/OUTPUT MATCHING
• P
OUT = 250 WATTS
• G
P = 6.2 dB MINIMUM
• COMMON BASE CONFIGURATION
RF & MICROWAVE TRANSISTORS
AVIONICS APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Numéro de pièce similaire - MS2554

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
MS2552 MICROSEMI-MS2552 Datasheet
245Kb / 4P
RF & MICROWAVE TRANSISTORS
MS2553C MICROSEMI-MS2553C Datasheet
225Kb / 5P
35 Watts, 50 Volts Pulsed Avionics 1025 to 1150 MHz
More results

Description similaire - MS2554

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
New Jersey Semi-Conduct...
SD1540 NJSEMI-SD1540 Datasheet
111Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com