Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVK-R6801-00B Fiches technique(PDF) 22 Page - u-blox AG

No de pièce EVK-R6801-00B
Description  LARA-R6 series cellular evaluation kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  U-BLOX [u-blox AG]
Site Internet  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R6801-00B Fiches technique(HTML) 22 Page - u-blox AG

Back Button EVK-R6801-00B Datasheet HTML 15Page - u-blox AG EVK-R6801-00B Datasheet HTML 16Page - u-blox AG EVK-R6801-00B Datasheet HTML 17Page - u-blox AG EVK-R6801-00B Datasheet HTML 18Page - u-blox AG EVK-R6801-00B Datasheet HTML 19Page - u-blox AG EVK-R6801-00B Datasheet HTML 20Page - u-blox AG EVK-R6801-00B Datasheet HTML 21Page - u-blox AG EVK-R6801-00B Datasheet HTML 22Page - u-blox AG EVK-R6801-00B Datasheet HTML 23Page - u-blox AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
EVK-R6 - User guide
UBX-21035387 - R02
Appendix
Page 22 of 23
C1-Public
E Glossary
Abbreviation
Definition
ADP
Adapter Board
APN
Access Point Name
AT
AT Command Interpreter Software Subsystem, or attention
B2B
Board-To-Board
CS
Circuit Switched
CTS
Clear To Send
DCI
Direct Current
DDC
Display Data Channel
DIL
Dual In Line
EPS
Evolved Packet System
EVB
Evaluation Board
EVK
Evaluation Kit
GND
Ground
GNSS
Global Navigation Satellite System
GPIO
General Purpose Input Output
GPRS
General Packet Radio Service
IMS
IP Multimedia Subsystem
IP
Internet Protocol
LDO
Low Drop-Out
LED
Light Emitting Diode
LTE
Long Term Evolution
NVM
Non-Volatile Memory
PIN
Personal Identification Number
PS
Packet Switch
PSU
Power Supply Unit
RAT
Radio Access Technology
RF
Radio Frequency
RI
Ring Indicator
SIM
Subscriber Identity Module
TCP
Transfer Control Protocol
UART
Universal Asynchronous Receiver-Transmitter
URC
Unsolicited Result Code
USB
Universal Serial Bus
VCC
Voltage Common Collector
Table 8: Explanation of the abbreviations and terms used
F Declaration of conformities
The equipment is intended for indoor usage. It is the user’s duty to verify if further restrictions apply,
such as in airplanes, hospitals, or hazardous locations (petrol stations, refineries, etc.).
Any changes or modification made to this equipment will void its compliance to the safety
requirements.
Maintenance, inspections and/or repairs of the EVK-R6 shall be performed by u-blox AG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23